công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14538B bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC14538B
Giải thích chi tiết về linh kiện  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538B bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC14538B_14 Datasheet HTML 1Page - ON Semiconductor MC14538B_14 Datasheet HTML 2Page - ON Semiconductor MC14538B_14 Datasheet HTML 3Page - ON Semiconductor MC14538B_14 Datasheet HTML 4Page - ON Semiconductor MC14538B_14 Datasheet HTML 5Page - ON Semiconductor MC14538B_14 Datasheet HTML 6Page - ON Semiconductor MC14538B_14 Datasheet HTML 7Page - ON Semiconductor MC14538B_14 Datasheet HTML 8Page - ON Semiconductor MC14538B_14 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC14538B
http://onsemi.com
2
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
AB
RESET B
CX/RXB
VSS
VDD
QB
QB
BB
AA
RESET A
CX/RXA
VSS
VSS
QA
QA
BA
BLOCK DIAGRAM
VDD
VDD
6
7
10
9
12
11
5
4
A
B
CX
RX
12
Q1
Q1
RESET
3
CX
RX
15
14
Q2
Q2
RESET
13
A
B
RX AND CX ARE EXTERNAL COMPONENTS.
VDD = PIN 16
VSS = PIN 8, PIN 1, PIN 15
ONE−SHOT SELECTION GUIDE
100 ns
MC14528B
MC14536B
MC14538B
MC14541B
MC4538A*
1
ms
10
ms100 ms
1 ms
10 ms
100 ms
1 s
10 s
*LIMITED OPERATING VOLTAGE (2 - 6 V)
TOTAL OUTPUT PULSE WIDTH RANGE
RECOMMENDED PULSE WIDTH RANGE
23 HR
5 MIN.
ORDERING INFORMATION
Device
Package
Shipping
MC14538BDG
SOIC−16
(Pb−Free)
48 Units / Rail
NLV14538BDG*
SOIC−16
(Pb−Free)
48 Units / Rail
MC14538BDR2G
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
NLV14538BDR2G*
SOIC−16
(Pb−Free)
2500 Units / Tape & Reel
MC14538BDTR2G
TSSOP−16
(Pb−Free)
2500 Units / Tape & Reel
NLV14538BDTR2G*
TSSOP−16
(Pb−Free)
2500 Units / Tape & Reel
MC14538BDWG
SOIC−16 WB
(Pb−Free)
47 Units / Rail
NLV14538BDWG*
SOIC−16 WB
(Pb−Free)
47 Units / Rail
MC14538BDWR2G
SOIC−16 WB
(Pb−Free)
1000 Units / Tape & Reel
NLV14538BDWR2G*
SOIC−16 WB
(Pb−Free)
1000 Units / Tape & Reel
MC14538BFG
SOEIAJ−16
(Pb−Free)
50 Units / Rail
MC14538BFELG
SOEIAJ−16
(Pb−Free)
2000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Số phần tương tự - MC14538B_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14538BCL MOTOROLA-MC14538BCL Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538BCP ONSEMI-MC14538BCP Datasheet
286Kb / 12P
   Dual Precision Retiggerable/Resettable Monostable Multivibrator
March, 2000 ??Rev. 3
logo
Motorola, Inc
MC14538BCP MOTOROLA-MC14538BCP Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538BCP ONSEMI-MC14538BCP Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
MC14538BCPG ONSEMI-MC14538BCPG Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
More results

Mô tả tương tự - MC14538B_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com