công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14490FG bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC14490FG bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 11 page © Semiconductor Components Industries, LLC, 2013 May, 2013 − Rev. 10 1 Publication Order Number: MC14490/D MC14490 Hex Contact Bounce Eliminator The MC14490 is constructed with complementary MOS enhancement mode devices, and is used for the elimination of extraneous level changes that result when interfacing with mechanical contacts. The digital contact bounce eliminator circuit takes an input signal from a bouncing contact and generates a clean digital signal four clock periods after the input has stabilized. The bounce eliminator circuit will remove bounce on both the “make” and the “break” of a contact closure. The clock for operation of the MC14490 is derived from an internal R−C oscillator which requires only an external capacitor to adjust for the desired operating frequency (bounce delay). The clock may also be driven from an external clock source or the oscillator of another MC14490 (see Figure 5). NOTE: Immediately after powerup, the outputs of the MC14490 are in indeterminate states. Features • Diode Protection on All Inputs • Six Debouncers Per Package • Internal Pullups on All Data Inputs • Can Be Used as a Digital Integrator, System Synchronizer, or Delay Line • Internal Oscillator (R−C), or External Clock Source • TTL Compatible Data Inputs/Outputs • Single Line Input, Debounces Both “Make” and “Break” Contacts • Does Not Require “Form C” (Single Pole Double Throw) Input Signal • Cascadable for Longer Time Delays • Schmitt Trigger on Clock Input (Pin 7) • Supply Voltage Range = 3.0 V to 18 V • Chip Complexity: 546 FETs or 136.5 Equivalent Gates • These Devices are Pb−Free and are RoHS Compliant • NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable MAXIMUM RATINGS (Voltages Referenced to VSS) Parameter Symbol Value Unit DC Supply Voltage Range VDD −0.5 to +18.0 V Input or Output Voltage Range (DC or Transient) Vin, Vout −0.5 to VDD + 0.5 V Input Current (DC or Transient) per Pin Iin ±10 mA Power Dissipation, per Package (Note 1) PD 500 mW Ambient Temperature Range TA −55 to +125 °C Storage Temperature Range Tstg −65 to +150 °C Lead Temperature (8−Second Soldering) TL 260 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. SOIC−16 DW SUFFIX CASE 751G http://onsemi.com 16 1 14490 AWLYYWWG See detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ORDERING INFORMATION A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G = Pb−Free Package MARKING DIAGRAMS PDIP−16 P SUFFIX CASE 648 SOEIAJ−16 F SUFFIX CASE 966 1 16 MC14490 ALYWG 16 1 MC14490P AWLYYWWG 1 1 1 |
Số phần tương tự - MC14490FG |
|
Mô tả tương tự - MC14490FG |