công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14503BDR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14503BDR2G
Giải thích chi tiết về linh kiện  Hex Non-Inverting 3-State Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BDR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14503BDR2G Datasheet HTML 1Page - ON Semiconductor MC14503BDR2G Datasheet HTML 2Page - ON Semiconductor MC14503BDR2G Datasheet HTML 3Page - ON Semiconductor MC14503BDR2G Datasheet HTML 4Page - ON Semiconductor MC14503BDR2G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 10
1
Publication Order Number:
MC14503B/D
MC14503B
Hex Non-Inverting 3-State
Buffer
The MC14503B is a hex non−inverting buffer with 3−state outputs,
and a high current source and sink capability. The 3−state outputs
make it useful in common bussing applications. Two disable controls
are provided. A high level on the Disable A input causes the outputs of
buffers 1 through 4 to go into a high impedance state and a high level
on the Disable B input causes the outputs of buffers 5 and 6 to go into
a high impedance state.
Features
3−State Outputs
TTL Compatible − Will Drive One TTL Load Over Full Temperature
Range
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Two Disable Controls for Added Versatility
Pin for Pin Replacement for MM80C97 and 340097
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 1)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
− 0.5 to VDD
+ 0.5
V
Input Current (DC or Transient) per Pin
Iin
±10
mA
Output Current (DC or Transient) per Pin
Iout
±25
mA
Power Dissipation, per Package (Note 2)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Maximum Ratings are those values beyond which damage to the device may
occur.
2. Temperature Derating:
“D/DW” Package: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
1
16
14503BG
AWLYWW
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
IN 5
OUT 6
IN 6
VDD
OUT 4
IN 4
OUT 5
IN 2
OUT 1
IN 1
DIS A
VSS
OUT 3
IN 3
OUT 2
DIS B
TRUTH TABLE
Appropriate
Disable
Inn
Input
Outn
00
0
10
1
X
1
High
Impedance
X = Don’t Care


Số phần tương tự - MC14503BDR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14503BDR2G ONSEMI-MC14503BDR2G Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC14503BDR2G ONSEMI-MC14503BDR2G Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
More results

Mô tả tương tự - MC14503BDR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
   Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com