công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14503BDG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC14503BDG
Giải thích chi tiết về linh kiện  Hex Non-Inverting 3-State Buffer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14503BDG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC14503BDG Datasheet HTML 1Page - ON Semiconductor MC14503BDG Datasheet HTML 2Page - ON Semiconductor MC14503BDG Datasheet HTML 3Page - ON Semiconductor MC14503BDG Datasheet HTML 4Page - ON Semiconductor MC14503BDG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC14503B
http://onsemi.com
2
LOGIC DIAGRAM
DISABLE B
OUT 5
15
12
14
2
4
6
10
1
IN 5
IN 6
IN 1
IN 2
IN 3
IN 4
DISABLE A
OUT 6
OUT 1
OUT 2
OUT 3
OUT 4
11
13
3
5
7
9
VDD = PIN 16
VSS = PIN 8
CIRCUIT DIAGRAM
*INn
*DISABLE
* INPUT
TO OTHER BUFFERS
VSS
VDD
OUTn
*Diode protection on all inputs (not shown)
ONE OF TWO/FOUR BUFFERS
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 3)
Max
Min
Max
Output Voltage
“0” Level
Vin = 0
“1” Level
Vin = VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 3.6 or 1.4 Vdc)
(VO = 7.2 or 2.8 Vdc)
(VO = 11.5 or 3.5 Vdc)
“1” Level
(VO = 1.4 or 3.6 Vdc)
(VO = 2.8 or 7.2 Vdc)
(VO = 3.5 or 11.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 2.5 Vdc)
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.4 Vdc)
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
4.5
5.0
5.0
10
15
–4.3
–5.8
–1.2
–3.1
–8.2
–3.6
–4.8
–1.02
–2.6
–6.8
–5.0
–6.1
–1.4
–3.7
–14.1
–2.5
–3.0
–0.7
–1.8
–4.8
mAdc
IOL
4.5
5.0
10
15
2.2
2.6
6.5
19.2
1.8
2.1
5.5
16.1
2.1
2.3
6.2
25
1.2
1.3
3.8
11.2
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance, (Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current, (Per Package)
IQ
5.0
10
15
1.0
2.0
4.0
0.002
0.004
0.006
1.0
2.0
4.0
30
60
120
mAdc
Total Supply Current (Note 4, 5)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs)
(All outputs switching,
50% Duty Cycle)
IT
5.0
10
15
IT = (2.5 mA/kHz) f + IDD
IT = (6.0 mA/kHz) f + IDD
IT = (10 mA/kHz) f + IDD
mAdc
3−State Output Leakage Current
ITL
15
±0.1
±0.0001
±0.1
±3.0
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
4. The formulas given are for the typical characteristics only at 25
_C.
5. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF,
V=(VDD –VSS) in volts, f in kHz is input frequency, and k = 0.006.


Số phần tương tự - MC14503BDG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14503BDG ONSEMI-MC14503BDG Datasheet
113Kb / 7P
   Hex Non?묲nverting 3?뭆tate Buffer
June, 2006 ??Rev. 7
MC14503BDG ONSEMI-MC14503BDG Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
More results

Mô tả tương tự - MC14503BDG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
Toshiba Semiconductor
TC4503BP TOSHIBA-TC4503BP Datasheet
94Kb / 3P
   HEX NON-INVERTING 3-STATE BUFFER
logo
Fairchild Semiconductor
CD4503BC FAIRCHILD-CD4503BC Datasheet
62Kb / 6P
   Hex Non-Inverting 3-STATE Buffer
logo
Hitachi Semiconductor
HD14503B HITACHI-HD14503B Datasheet
83Kb / 7P
   Hex Non-inverting 3-state Buffer
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
   HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com