công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14050BDG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14050BDG
Giải thích chi tiết về linh kiện  Hex Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14050BDG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14050BDG Datasheet HTML 1Page - ON Semiconductor MC14050BDG Datasheet HTML 2Page - ON Semiconductor MC14050BDG Datasheet HTML 3Page - ON Semiconductor MC14050BDG Datasheet HTML 4Page - ON Semiconductor MC14050BDG Datasheet HTML 5Page - ON Semiconductor MC14050BDG Datasheet HTML 6Page - ON Semiconductor MC14050BDG Datasheet HTML 7Page - ON Semiconductor MC14050BDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 9
1
Publication Order Number:
MC14049B/D
MC14049B, MC14050B
Hex Buffer
The MC14049B Hex Inverter/Buffer and MC14050B Noninverting
Hex Buffer are constructed with MOS P−Channel and N−Channel
enhancement mode devices in a single monolithic structure. These
complementary MOS devices find primary use where low power
dissipation and/or high noise immunity is desired. These devices
provide logic level conversion using only one supply voltage, VDD.
The input−signal high level (VIH) can exceed the VDD supply
voltage for logic level conversions. Two TTL/DTL loads can be driven
when the devices are used as a CMOS−to−TTL/DTL converter
(VDD = 5.0 V, VOL
≤ 0.4 V, IOL ≥ 3.2 mA).
Note that pins 13 and 16 are not connected internally on these
devices; consequently connections to these terminals will not affect
circuit operation.
Features
High Source and Sink Currents
High−to−Low Level Converter
Supply Voltage Range = 3.0 V to 18 V
VIN can exceed VDD
Meets JEDEC B Specifications
Improved ESD Protection On All Inputs
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
− 0.5 to +18.0
V
Vin
Input Voltage Range (DC or Transient)
− 0.5 to +18.0
V
Vout
Output Voltage Range (DC or Transient)
−0.5 to VDD +
0.5
V
Iin
Input Current (DC or Transient) per Pin
±10
mA
Iout
Output Current (DC or Transient) per Pin
±45
mA
PD
Power Dissipation, per Package (Note 1)
(Plastic)
(SOIC)
825
740
mW
TA
Ambient Temperature Range
− 55 to +125
°C
Tstg
Storage Temperature Range
− 65 to +150
°C
TL
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: See Figure 3.
This device contains protection circuitry to protect the inputs against damage
due to high static voltages or electric fields referenced to the VSS pin only. Extra
precautions must be taken to avoid applications of any voltage higher than the
maximum rated voltages to this high−impedance circuit. For proper operation, the
ranges VSS ≤ Vin ≤ 18 V and VSS ≤ Vout ≤ VDD are recommended.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
MARKING DIAGRAMS
SOIC−16
TSSOP−16
140xxBG
AWLYWW
14
050B
ALYW
G
G
xx
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Indicator
SOEIAJ−16
MC140xxB
ALYWG
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
1
16
1
16
1
16
(Note: Microdot may be in either location)
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
SOEIAJ−16
F SUFFIX
CASE 966
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
OUTE
NC
INF
OUTF
NC
IND
OUTD
INE
OUTB
INA
OUTA
VDD
VSS
INC
OUTC
INB


Số phần tương tự - MC14050BDG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14050BDG ONSEMI-MC14050BDG Datasheet
148Kb / 9P
   Hex Buffer
June, 2011 ??Rev. 7
MC14050BDG ONSEMI-MC14050BDG Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
More results

Mô tả tương tự - MC14050BDG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
   Hex Buffer
March, 2006 -- Rev. 4
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
   Hex Buffer
February, 2005 ??Rev. 5
logo
Unisonic Technologies
U74HC07 UTC-U74HC07_15 Datasheet
199Kb / 5P
   HEX BUFFER
U74AHCT34 UTC-U74AHCT34_15 Datasheet
136Kb / 4P
   HEX BUFFER
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
   Hex Buffer
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50_11 Datasheet
131Kb / 7P
   Hex Buffer
May, 2011 ??Rev. 5
logo
STMicroelectronics
M74HCT7007RM13TR STMICROELECTRONICS-M74HCT7007RM13TR Datasheet
498Kb / 8P
   HEX BUFFER
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B_V01 Datasheet
241Kb / 8P
   Hex Buffer
March, 2022 ??Rev. 10
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50_14 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com