công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14503B bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC14503B bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 5 page MC14503B http://onsemi.com 2 LOGIC DIAGRAM DISABLE B OUT 5 15 12 14 2 4 6 10 1 IN 5 IN 6 IN 1 IN 2 IN 3 IN 4 DISABLE A OUT 6 OUT 1 OUT 2 OUT 3 OUT 4 11 13 3 5 7 9 VDD = PIN 16 VSS = PIN 8 CIRCUIT DIAGRAM *INn *DISABLE * INPUT TO OTHER BUFFERS VSS VDD OUTn *Diode protection on all inputs (not shown) ONE OF TWO/FOUR BUFFERS ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) Characteristic Symbol VDD Vdc − 55 _C 25 _C 125 _C Unit Min Max Min Typ (Note 3) Max Min Max Output Voltage “0” Level Vin = 0 “1” Level Vin = VDD VOL 5.0 10 15 − − − 0.05 0.05 0.05 − − − 0 0 0 0.05 0.05 0.05 − − − 0.05 0.05 0.05 Vdc VOH 5.0 10 15 4.95 9.95 14.95 − − − 4.95 9.95 14.95 5.0 10 15 − − − 4.95 9.95 14.95 − − − Vdc Input Voltage “0” Level (VO = 3.6 or 1.4 Vdc) (VO = 7.2 or 2.8 Vdc) (VO = 11.5 or 3.5 Vdc) “1” Level (VO = 1.4 or 3.6 Vdc) (VO = 2.8 or 7.2 Vdc) (VO = 3.5 or 11.5 Vdc) VIL 5.0 10 15 − − − 1.5 3.0 4.0 − − − 2.25 4.50 6.75 1.5 3.0 4.0 − − − 1.5 3.0 4.0 Vdc VIH 5.0 10 15 3.5 7.0 11 − − − 3.5 7.0 11 2.75 5.50 8.25 − − − 3.5 7.0 11 − − − Vdc Output Drive Current (VOH = 2.5 Vdc) Source (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) (VOL = 0.4 Vdc) Sink (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) IOH 4.5 5.0 5.0 10 15 –4.3 –5.8 –1.2 –3.1 –8.2 − − − − − –3.6 –4.8 –1.02 –2.6 –6.8 –5.0 –6.1 –1.4 –3.7 –14.1 − − − − − –2.5 –3.0 –0.7 –1.8 –4.8 − − − − − mAdc IOL 4.5 5.0 10 15 2.2 2.6 6.5 19.2 − − − − 1.8 2.1 5.5 16.1 2.1 2.3 6.2 25 − − − − 1.2 1.3 3.8 11.2 − − − − mAdc Input Current Iin 15 − ±0.1 − ±0.00001 ±0.1 − ±1.0 mAdc Input Capacitance, (Vin = 0) Cin − − − − 5.0 7.5 − − pF Quiescent Current, (Per Package) IQ 5.0 10 15 − − − 1.0 2.0 4.0 − − − 0.002 0.004 0.006 1.0 2.0 4.0 − − − 30 60 120 mAdc Total Supply Current (Note 4, 5) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs) (All outputs switching, 50% Duty Cycle) IT 5.0 10 15 IT = (2.5 mA/kHz) f + IDD IT = (6.0 mA/kHz) f + IDD IT = (10 mA/kHz) f + IDD mAdc 3−State Output Leakage Current ITL 15 − ±0.1 − ±0.0001 ±0.1 − ±3.0 mAdc Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. 3. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance. 4. The formulas given are for the typical characteristics only at 25 _C. 5. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL – 50) Vfk where: IT is in mA (per package), CL in pF, V=(VDD –VSS) in volts, f in kHz is input frequency, and k = 0.006. |
Số phần tương tự - MC14503B |
|
Mô tả tương tự - MC14503B |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |