công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14490DWG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14490DWG
Giải thích chi tiết về linh kiện  Hex Contact Bounce Eliminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490DWG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14490DWG Datasheet HTML 1Page - ON Semiconductor MC14490DWG Datasheet HTML 2Page - ON Semiconductor MC14490DWG Datasheet HTML 3Page - ON Semiconductor MC14490DWG Datasheet HTML 4Page - ON Semiconductor MC14490DWG Datasheet HTML 5Page - ON Semiconductor MC14490DWG Datasheet HTML 6Page - ON Semiconductor MC14490DWG Datasheet HTML 7Page - ON Semiconductor MC14490DWG Datasheet HTML 8Page - ON Semiconductor MC14490DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 10
1
Publication Order Number:
MC14490/D
MC14490
Hex Contact Bounce
Eliminator
The MC14490 is constructed with complementary MOS enhancement
mode devices, and is used for the elimination of extraneous level changes
that result when interfacing with mechanical contacts. The digital contact
bounce eliminator circuit takes an input signal from a bouncing contact
and generates a clean digital signal four clock periods after the input has
stabilized. The bounce eliminator circuit will remove bounce on both the
“make” and the “break” of a contact closure. The clock for operation of
the MC14490 is derived from an internal R−C oscillator which requires
only an external capacitor to adjust for the desired operating frequency
(bounce delay). The clock may also be driven from an external clock
source or the oscillator of another MC14490 (see Figure 5).
NOTE: Immediately after powerup, the outputs of the MC14490 are in
indeterminate states.
Features
Diode Protection on All Inputs
Six Debouncers Per Package
Internal Pullups on All Data Inputs
Can Be Used as a Digital Integrator, System Synchronizer, or Delay Line
Internal Oscillator (R−C), or External Clock Source
TTL Compatible Data Inputs/Outputs
Single Line Input, Debounces Both “Make” and “Break” Contacts
Does Not Require “Form C” (Single Pole Double Throw) Input Signal
Cascadable for Longer Time Delays
Schmitt Trigger on Clock Input (Pin 7)
Supply Voltage Range = 3.0 V to 18 V
Chip Complexity: 546 FETs or 136.5 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
−0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
−0.5 to VDD
+ 0.5
V
Input Current (DC or Transient) per Pin
Iin
±10
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
−55 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Lead Temperature (8−Second Soldering)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be
taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance circuit. For proper operation, Vin and Vout
should be constrained to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
SOIC−16
DW SUFFIX
CASE 751G
http://onsemi.com
16
1
14490
AWLYYWWG
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
SOEIAJ−16
F SUFFIX
CASE 966
1
16
MC14490
ALYWG
16
1
MC14490P
AWLYYWWG
1
1
1


Số phần tương tự - MC14490DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14490DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com