công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14490DWG bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC14490DWG
Giải thích chi tiết về linh kiện  Hex Contact Bounce Eliminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14490DWG bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC14490DWG Datasheet HTML 3Page - ON Semiconductor MC14490DWG Datasheet HTML 4Page - ON Semiconductor MC14490DWG Datasheet HTML 5Page - ON Semiconductor MC14490DWG Datasheet HTML 6Page - ON Semiconductor MC14490DWG Datasheet HTML 7Page - ON Semiconductor MC14490DWG Datasheet HTML 8Page - ON Semiconductor MC14490DWG Datasheet HTML 9Page - ON Semiconductor MC14490DWG Datasheet HTML 10Page - ON Semiconductor MC14490DWG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC14490
http://onsemi.com
7
TYPICAL APPLICATIONS
ASYMMETRICAL TIMING
In applications where different leading and trailing edge
delays are required (such as a fast attack/slow release timer.)
Clocks of different frequencies can be gated into the
MC14490 as shown in Figure 6. In order to produce a slow
attack/fast release circuit leads A and B should be
interchanged. The clock out lead can then be used to feed
clock signals to the other MC14490 packages where the
asymmetrical input/output timing is required.
Figure 6. Fast Attack/Slow Release Circuit
IN
OUT
OSCout
MC14011B
OSCin
AB
fC/N
EXTERNAL
CLOCK
÷ N
fC
MC14490
LATCHED OUTPUT
The contents of the Bounce Eliminator can be latched by
using several extra gates as shown in Figure 7. If the latch
lead is high the clock will be stopped when the output goes
low. This will hold the output low even though the input has
returned to the high state. Any time the clock is stopped the
outputs will be representative of the input signal four clock
periods earlier.
Figure 7. Latched Output Circuit
IN
OUT
OSCout
MC14011B
OSCin
MC14490
CLOCK
LATCH = 1
UNLATCH = 0
MULTIPLE TIMING SIGNALS
As shown in Figure 8, the Bounce Eliminator circuits can
be connected in series. In this configuration each output is
delayed by four clock periods relative to its respective input.
This configuration may be used to generate multiple timing
signals such as a delay line, for programming other timing
operations.
One application of the above is shown in Figure 9, where
it is required to have a single pulse output for a single
operation (make) of the push button or relay contact. This
only requires the series connection of two Bounce
Eliminator circuits, one inverter, and one NOR gate in order
to generate the signal AB as shown in Figures 9 and 10. The
signal AB is four clock periods in length. If the inverter is
switched to the A output, the pulse AB will be generated
upon release or break of the contact. With the use of a few
additional parts many different pulses and waveshapes may
be generated.
Figure 8. Multiple Timing Circuit Connections
10
5
12
3
14
1
79
6
11
4
13
2
15
Aout
Bout
Cout
Dout
Eout
Fout
OSCin
CLOCK
B.E. 6
B.E. 5
B.E. 4
B.E. 3
B.E. 2
B.E. 1
OSCout
Ain
Bin
Cin
Din
Ein
Fin


Số phần tương tự - MC14490DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490DWG ONSEMI-MC14490DWG Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
More results

Mô tả tương tự - MC14490DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14490 ONSEMI-MC14490_06 Datasheet
126Kb / 11P
   Hex Contact Bounce Eliminator
June, 2006 ??Rev. 7
MC14490 ONSEMI-MC14490 Datasheet
234Kb / 12P
   Hex Contact Bounce Eliminator
May, 2000 ??Rev. 4
logo
American Electronic Com...
BB2-2001 AEC-BB2-2001 Datasheet
281Kb / 2P
   contact bounce release
BB3-2002 AEC-BB3-2002 Datasheet
288Kb / 2P
   contact bounce release
BB-7001 AEC-BB-7001 Datasheet
286Kb / 2P
   contact bounce release
logo
PHOENIX CONTACT
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com