công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53602AMPWPT bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53602AMPWPT
Giải thích chi tiết về linh kiện  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602AMPWPT bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM53602AMPWPT Datasheet HTML 7Page - Texas Instruments LM53602AMPWPT Datasheet HTML 8Page - Texas Instruments LM53602AMPWPT Datasheet HTML 9Page - Texas Instruments LM53602AMPWPT Datasheet HTML 10Page - Texas Instruments LM53602AMPWPT Datasheet HTML 11Page - Texas Instruments LM53602AMPWPT Datasheet HTML 12Page - Texas Instruments LM53602AMPWPT Datasheet HTML 13Page - Texas Instruments LM53602AMPWPT Datasheet HTML 14Page - Texas Instruments LM53602AMPWPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
VOUT
RESET
High = Power Good
Low = Fault
94%
93%
107%
106%
11
LM53602, LM53603
www.ti.com
SNVSAR0 – NOVEMBER 2016
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 RESET Flag Output
The RESET function, built-in to the LM53603, has special features not found in the ordinary Power Good
function. A glitch filter prevents false flag operation for short excursions in the output voltage, such as during line
and load transients. Furthermore, there is a delay between the point at which the output voltage is within
specified limits and the flag asserts Power Good. Because the RESET comparator and the regulation loop share
the same reference, the thresholds track with the output voltage. This allows the LM53603 to be specified with a
96.5% maximum threshold, while at the same time specifying a 95% threshold with respect to the actual output
voltage for that device. This allows tighter tolerance than is possible with an external supervisor device. The net
result is a more accurate power-good function while expanding the system allowance for transients, and so forth.
RESET operation can best be understood by reference to Figure 7 and Figure 8. The values for the various filter
and delay times can be found in the Timing Requirements table. Output voltage excursions lasting less than
TRESET-filter, do not trip RESET. Once the output voltage is within the prescribed limits, a delay of TRESET-act is
imposed before RESET goes high.
This output consists of an open-drain NMOS; requiring an external pullup resistor to a suitable logic supply. It
can also be pulled up to either VCC or VOUT, through an appropriate resistor, as desired. If this function is not
needed, the pin should be left floating or grounded. When EN is pulled low, the flag output is also forced low.
With EN low, RESET remains valid as long as the input voltage is
≥ 1.5 V. The maximum current into this pin
should be limited to 1 mA, while the maximum voltage should be less than 8 V.
Figure 7. Static RESET Operation


Số phần tương tự - LM53602AMPWPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53602AQPWPRQ1 TI1-LM53602AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM53602AQPWPTQ1 TI1-LM53602AQPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
More results

Mô tả tương tự - LM53602AMPWPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com