công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53602AMPWPR bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53602AMPWPR
Giải thích chi tiết về linh kiện  3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602AMPWPR bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM53602AMPWPR Datasheet HTML 6Page - Texas Instruments LM53602AMPWPR Datasheet HTML 7Page - Texas Instruments LM53602AMPWPR Datasheet HTML 8Page - Texas Instruments LM53602AMPWPR Datasheet HTML 9Page - Texas Instruments LM53602AMPWPR Datasheet HTML 10Page - Texas Instruments LM53602AMPWPR Datasheet HTML 11Page - Texas Instruments LM53602AMPWPR Datasheet HTML 12Page - Texas Instruments LM53602AMPWPR Datasheet HTML 13Page - Texas Instruments LM53602AMPWPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
+
-
+
-
CONTROL
LOGIC
DRIVER
HS CURRENT
SENSE
LS CURRENT
SENSE
OSCILLATOR
PWM
COMP.
ERROR
AMPLIFIER
MODE
LOGIC
RESET
CONTROL
SW
VIN
PGND
FB
EN
FPWM
INT. REG.
BIAS
BIAS
VCC
CBOOT
SYNC
AGND
*
*
* = Not used in -ADJ
RESET
1.0 V
Reference
ENABLE
LOGIC
Copyright © 2016, Texas Instruments Incorporated
10
LM53602, LM53603
SNVSAR0 – NOVEMBER 2016
www.ti.com
Product Folder Links: LM53602 LM53603
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM5360x family of devices are synchronous current mode buck regulators designed specifically for the Wide
Input voltage Industrial and automotive market. The regulator automatically switches between PWM and PFM
depending on load. At heavy loads the device operates in PWM at a switching frequency of 2.1 MHz. The
regulator's oscillator can also be synchronized to an external system clock. At input voltages above about 20 V,
the switching frequency reduces to maintain regulation during conditions of abnormally high battery voltage. At
light loads the mode changes to PFM, with diode emulation allowing DCM. This reduces input supply current and
keeps the efficiency high. The user can also choose to lock the mode in PWM (FPWM) so that the switching
frequency remains constant regardless of load.
A RESET flag is provided to indicate when the output voltage is near its regulation point. This feature includes
filtering and a delay before asserting. This helps to prevent false flag operation during output voltage transients.
Note that, throughout this data sheet, references to the LM53603 apply equally to the LM53602. The difference
between the two devices is the maximum output current and specified MOSFET current limits.
8.2 Functional Block Diagram


Số phần tương tự - LM53602AMPWPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53602AQPWPRQ1 TI1-LM53602AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
LM53602AQPWPTQ1 TI1-LM53602AQPWPTQ1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
More results

Mô tả tương tự - LM53602AMPWPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM53625-Q1 TI-LM53625-Q1_V01 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM73605-Q1 TI1-LM73605-Q1 Datasheet
3Mb / 57P
[Old version datasheet]   3.5-V to 36-V, 5-A or 6-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com