công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC125DR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74VHC125DR2G
Giải thích chi tiết về linh kiện  Quad Bus Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC125DR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74VHC125DR2G Datasheet HTML 1Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 2Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 3Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 4Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 5Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 6Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 7Page - ON Semiconductor MC74VHC125DR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 7
1
Publication Order Number:
MC74VHC125/D
MC74VHC125
Quad Bus Buffer
with 3−State Control Inputs
The MC74VHC125 is a high speed CMOS quad bus buffer
fabricated with silicon gate CMOS technology. It achieves high speed
operation similar to equivalent Bipolar Schottky TTL while
maintaining CMOS low power dissipation.
The MC74VHC125 requires the 3−state control input (OE) to be set
High to place the output into the high impedance state.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output. The
inputs tolerate voltages up to 7 V, allowing the interface of 5 V
systems to 3 V systems.
Features
High Speed: tPD = 3.8ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 4 mA (Max) at TA = 25°C
High Noise Immunity: VNIH = VNIL = 28% VCC
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Designed for 2 V to 5.5 V Operating Range
Low Noise: VOLP = 0.8 V (Max)
Pin and Function Compatible with Other Standard Logic Families
Latchup Performance Exceeds 300 mA
ESD Performance: Human Body Model; > 2000 V,
Machine Model; > 200 V
Chip Complexity: 72 FETs or 18 Equivalent Gates
These Devices are Pb−Free and are RoHS Compliant
LOGIC DIAGRAM
Active−Low Output Enables
Y1
Y2
Y4
3
6
8
11
13
12
10
9
4
5
1
2
A1
OE1
A2
OE2
A3
OE3
A4
OE4
Y3
FUNCTION TABLE
VHC125
Inputs
Output
AOE
Y
HL
H
LL
L
XH
Z
14−LEAD SOIC
D SUFFIX
CASE 751A
14−LEAD TSSOP
DT SUFFIX
CASE 948G
PIN CONNECTION AND
MARKING DIAGRAM
(Top View)
11
12
13
14
8
9
10
5
4
3
2
1
7
6
OE3
Y4
A4
OE4
VCC
Y3
A3
OE2
Y1
A1
OE1
GND
Y2
A2
http://onsemi.com
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
Device
Package
Shipping
ORDERING INFORMATION
MC74VHC125DG
SOIC−14
(Pb−Free)
55 Units / Rail
MC74VHC125DTR2G TSSOP−14
(Pb−Free)
2500 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MC74VHC125DR2G
SOIC−14
(Pb−Free)
2500 / Tape &
Reel


Số phần tương tự - MC74VHC125DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC125DR2G ONSEMI-MC74VHC125DR2G Datasheet
139Kb / 9P
   Quad Bus Buffer with 3?뭆tate Control Inputs
May, 2011 ??Rev. 6
MC74VHC125DR2G ONSEMI-MC74VHC125DR2G Datasheet
94Kb / 8P
   Quad Bus Buffer
October, 2017 ??Rev. 8
More results

Mô tả tương tự - MC74VHC125DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F_07 Datasheet
259Kb / 11P
   Quad Bus Buffer
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com