công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LCX541DWR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74LCX541DWR2G
Giải thích chi tiết về linh kiện  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX541DWR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74LCX541DWR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX541DWR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 9
1
Publication Order Number:
MC74LCX541/D
MC74LCX541
Low-Voltage CMOS Octal
Buffer Flow Through Pinout
With 5 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The MC74LCX541 is a high performance, non−inverting octal
buffer operating from a 2.3 to 3.6 V supply. This device is similar in
function to the MC74LCX244, while providing flow through
architecture. High impedance TTL compatible inputs significantly
reduce current loading to input drivers while TTL compatible outputs
offer improved switching noise performance. A VI specification of
5.5 V allows MC74LCX541 inputs to be safely driven from 5 V
devices. The MC74LCX541 is suitable for memory address driving
and all TTL level bus oriented transceiver applications.
Current drive capability is 24 mA at the outputs. The Output Enable
(OE1. OE2) inputs, when HIGH, disables the output by placing them
in a HIGH Z condition.
Features
Designed for 2.3 to 3.6 V VCC Operation
5 V Tolerant − Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
LVTTL Compatible
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 500 mA
ESD Performance:
Human Body Model > 2000 V
Machine Model > 200 V
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MARKING DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
1
20
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or
G = Pb−Free Package
SOIC−20 WB
LCX541
AWLYYWWG
LCX
541
ALYW
G
G
TSSOP−20
20
1
(Note: Microdot may be in either location)
SOIC−20 WB
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E


Số phần tương tự - MC74LCX541DWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX541DWR2G ONSEMI-MC74LCX541DWR2G Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
More results

Mô tả tương tự - MC74LCX541DWR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC541A ONSEMI-74LVC541A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
April, 2015 ??Rev. P0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com