công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT366A bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74HCT366A
Giải thích chi tiết về linh kiện  Hex 3-State Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT366A bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74HCT366A Datasheet HTML 1Page - ON Semiconductor MC74HCT366A Datasheet HTML 2Page - ON Semiconductor MC74HCT366A Datasheet HTML 3Page - ON Semiconductor MC74HCT366A Datasheet HTML 4Page - ON Semiconductor MC74HCT366A Datasheet HTML 5Page - ON Semiconductor MC74HCT366A Datasheet HTML 6Page - ON Semiconductor MC74HCT366A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HCT366A
http://onsemi.com
3
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
SOIC Package†
TSSOP Package†
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of
these limits are exceeded, device functionality should not be assumed, damage may occur and
reliability may be affected.
†Derating — SOIC Package: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 3.0 V
VCC = 4.5 V
VCC = 6.0 V
0
0
0
0
1000
600
500
400
ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not
implied. Extended exposure to stresses beyond the Recommended Operating Ranges limits may
affect device reliability.
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
VIH
Minimum High−Level Input
Voltage
Vout = VCC – 0.1 V
|Iout| v 20 μA
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input
Voltage
Vout = 0.1 V
|Iout| v 20 μA
4.5
to
5.5
0.80
0.80
0.80
V
VOH
Minimum High−Level Output
Voltage
Vin = VIH
|Iout| v 20 μA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
Vin = VIH
|Iout| v 3.6 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
2.48
3.98
5.48
2.34
3.84
5.34
2.20
3.70
5.20
VOL
Maximum Low−Level Output
Voltage
Vin = VIL
|Iout| v 20 μA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIL
|Iout| v 3.6 mA
|Iout| v 6.0 mA
|Iout| v 7.8 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
μA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Số phần tương tự - MC74HCT366A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADG ONSEMI-MC74HCT366ADG Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADR2G ONSEMI-MC74HCT366ADR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT366ADTR2G ONSEMI-MC74HCT366ADTR2G Datasheet
153Kb / 7P
   Hex 3-State Inverting Buffer with Common Enables and LSTTL Compatible Inputs
January, 2010 ??Rev. 0
More results

Mô tả tương tự - MC74HCT366A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B Datasheet
39Kb / 4P
   3-state hex inverting buffer
January 1995
logo
ON Semiconductor
MC74HC368A ONSEMI-MC74HC368A Datasheet
123Kb / 7P
   Hex 3-State Inverting Buffer
June, 2013 ??Rev. 2
MC14503B ONSEMI-MC14503B Datasheet
185Kb / 8P
   Hex Non-Inverting 3-State Buffer
March, 2000 ??Rev. 3
MC14503B ONSEMI-MC14503B_11 Datasheet
136Kb / 7P
   Hex Non-Inverting 3-State Buffer
June, 2011 ??Rev. 8
logo
NXP Semiconductors
HEF40097B PHILIPS-HEF40097B Datasheet
38Kb / 4P
   3-state hex non-inverting buffer
January 1995
logo
Motorola, Inc
MC14503B MOTOROLA-MC14503B Datasheet
214Kb / 6P
   Hex Non-Inverting 3-State Buffer
logo
ON Semiconductor
MC14503B ONSEMI-MC14503B_14 Datasheet
106Kb / 5P
   Hex Non-Inverting 3-State Buffer
July, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com