công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1591IRTZ-T13 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL1591IRTZ-T13
Giải thích chi tiết về linh kiện  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591IRTZ-T13 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL1591IRTZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1591IRTZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ISL1591
3
FN7625.1
October 31, 2012
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1
VINA+
Amplifier A non-inverting input
2
VINB+
Amplifier B non-inverting input
3
VCMAB
Input common mode bias for port AB(#1)
4
VCMCD
Input common mode bias for port CD(#2)
5
VINC+
Amplifier C non-inverting input
6
VIND+
Amplifier D non-inverting input
7
C1CD
DSL Port #2 current control pin
8
C0CD
DSL Port #2 current control pin
9
FBD
Feedback pin for amplifier D
10
VOUTD
Amplifier D output
11
VOUTC
Amplifier C output
12
FBC
Feedback pin for amplifier C
13
GND
Ground
14, 15, 16, 17
DNC
Do not connect
18
+VS
Positive supply voltage
19
FBB
Feedback pin for amplifier B
20
VOUTB
Amplifier B output
21
VOUTA
Amplifier A output
22
FBA
Feedback pin for amplifier A
23
C0AB
DSL Port #1 current control pin
24
C1AB
DSL Port #1 current control pin
-
THERMAL PAD
Connects to GND
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1591IRTZ
15 91IRTZ
-40 to +85
24 Ld TQFN
L24.4x4F
ISL1591IRTZ-T7 (Note 1)
15 91IRTZ
-40 to +85
24 Ld TQFN
L24.4x4F
ISL1591IRTZ-T13 (Note 1)
15 91IRTZ
-40 to +85
24 Ld TQFN
L24.4x4F
ISL1591IRTZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1591. For more information on MSL please see tech brief TB363.


Số phần tương tự - ISL1591IRTZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1591IRTZ-T13 INTERSIL-ISL1591IRTZ-T13 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Mô tả tương tự - ISL1591IRTZ-T13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com