công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1591 bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện ISL1591
Giải thích chi tiết về linh kiện  Fixed Gain, Dual Port, VDSL2 Line Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1591 bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button ISL1591 Datasheet HTML 2Page - Intersil Corporation ISL1591 Datasheet HTML 3Page - Intersil Corporation ISL1591 Datasheet HTML 4Page - Intersil Corporation ISL1591 Datasheet HTML 5Page - Intersil Corporation ISL1591 Datasheet HTML 6Page - Intersil Corporation ISL1591 Datasheet HTML 7Page - Intersil Corporation ISL1591 Datasheet HTML 8Page - Intersil Corporation ISL1591 Datasheet HTML 9Page - Intersil Corporation ISL1591 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ISL1591
6
FN7625.1
October 31, 2012
Typical Performance Curves V
CC = +24V, Rb = 8.25Ω, GND at the Load = 11.6V/V (differential),
RLOAD = 82.5Ω, TA +25°C, C0 = C1 = 0V (full power) unless otherwise noted.
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE vs GAIN AT
THE LOAD
FIGURE 5. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 6. 1MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 7. 4MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 8. 8MHz HARMONIC DISTORTION vs OUTPUT AMPLITUDE
FIGURE 9. HARMONIC DISTORTION vs FREQUENCY
6
9
12
15
18
21
24
27
30
100k
1M
10M
100M
1G
Rb = 15
Ω
Rb = 6.2
Ω
Rb = 8.25
Ω
FREQUENCY (Hz)
12
15
18
21
24
27
100k
1M
10M
100M
1G
20VP-P
10VP-P
5VP-P
2VP-P
1VP-P
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
OUTPUT AMPLITUDE AT LOAD (VP-P(-d))
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
VOP-P(-d) AT THE LOAD
THD dBc
3rd HD dBc
2nd HD dBc
-100
-90
-80
-70
-60
-50
-40
-30
0
5
10
15
20
25
30
35
THD dBc
3rd HD dBc
2nd HD dBc
OUTPUT AMPLITUDE AT LOAD (VOP-P(-d))
-100
-90
-80
-70
-60
-50
-40
-30
0
2M
4M
6M
8M
10M 12M 14M 16M 18M 20M
FREQUENCY (Hz)
THD dBc
3rd HD dBc
2nd HD dBc
5VOP-P


Số phần tương tự - ISL1591

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-EVALZ INTERSIL-ISL1591IRTZ-EVALZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1591IRTZ-T13 INTERSIL-ISL1591IRTZ-T13 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results

Mô tả tương tự - ISL1591

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
logo
Intersil Corporation
ISL1591IRTZ INTERSIL-ISL1591IRTZ Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226 TI1-THS6226 Datasheet
693Kb / 20P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com