công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL1557 bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện ISL1557
Giải thích chi tiết về linh kiện  Single Port, VDSL2 Differential Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1557 bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  ISL1557 Datasheet HTML 1Page - Intersil Corporation ISL1557 Datasheet HTML 2Page - Intersil Corporation ISL1557 Datasheet HTML 3Page - Intersil Corporation ISL1557 Datasheet HTML 4Page - Intersil Corporation ISL1557 Datasheet HTML 5Page - Intersil Corporation ISL1557 Datasheet HTML 6Page - Intersil Corporation ISL1557 Datasheet HTML 7Page - Intersil Corporation ISL1557 Datasheet HTML 8Page - Intersil Corporation ISL1557 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL1550
3
FN6795.0
March 16, 2012
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1NC
No Connect
2
INA-
Amplifier A Inverting Input
3
INA+
Amplifier A Non-Inverting Input
4GND
Ground
5NC
No Connect
6NC
No Connect
7
VS-
Negative Supply Voltage
8
C0
Digital Control Pin
9
C1
Digital Control Pin
10
INB+
Amplifier B Non-Inverting Input
11
INB-
Amplifier B Inverting Input
12
NC
No Connect
13
OUTB
Amplifier B Output
14
VS+
Positive Supply Voltage
15
NC
No Connect
16
OUTA
Amplifier A Output
Ordering Information
PART
NUMBER
(Notes 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1550IRZ
155 0IRZ
-40 to +85
16 Ld QFN
L16.4x4H
ISL1550IRZ-T7 (Note 1)
155 0IRZ
-40 to +85
16 Ld QFN
L16.4x4H
ISL1550IRZ-T13 (Note 1)
155 0IRZ
-40 to +85
16 Ld QFN
L16.4x4H
ISL1550IRZ-EVALZ
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1550. For more information on MSL please see tech brief TB363.


Số phần tương tự - ISL1557

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
ISL1557 INTERSIL-ISL1557 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
More results

Mô tả tương tự - ISL1557

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Analog Devices
AD8398A AD-AD8398A_16 Datasheet
375Kb / 13P
   Single Port VDSL2 Line Driver with Shutdown
AD8398A AD-AD8398A Datasheet
87Kb / 2P
   Single Port VDSL2 Line Driver with Shutdown
Rev. Sp0
AD8398A AD-AD8398A_17 Datasheet
368Kb / 12P
   Single Port VDSL2 Line Driver with Shutdown
logo
Intersil Corporation
ISL1539IRZ INTERSIL-ISL1539IRZ Datasheet
569Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com