công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

932SQ426 bảng dữ liệu(PDF) 4 Page - Integrated Device Technology

tên linh kiện 932SQ426
Giải thích chi tiết về linh kiện  DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

932SQ426 bảng dữ liệu(HTML) 4 Page - Integrated Device Technology

  932SQ426_16 Datasheet HTML 1Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 2Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 3Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 4Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 5Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 6Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 7Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 8Page - Integrated Device Technology 932SQ426_16 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
932SQ426
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
IDT®
CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
4
932SQ426
REV C 022916
Pin Descriptions (TSSOP, cont.)
PIN #
PIN NAME
TYPE
DESCRIPTION
41
NS_SRC0C
OUT
Complementary clock of differential non-spreading SRC output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
42
NS_SRC0T
OUT
True clock of differential non-spreading SRC output.
These are current mode outputs and external
series resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
43
NS_SRC1C
OUT
Complementary clock of differential non-spreading SRC output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
44
NS_SRC1T
OUT
True clock of differential non-spreading SRC output.
These are current mode outputs and external
series resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
45
VDDNS
PWR 3.3V power for the Non-Spreading differential outputs outputs and logic
46
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
47
NS_SAS0C
OUT
Complementary clock of differentia non-spreading SAS output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
48
NS_SAS0T
OUT
True clock of differential non-spreading SAS output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
49
NS_SAS1C
OUT
Complementary clock of differentia non-spreading SAS output. These are current mode outputs and
external series resistors and shunt resistors are required for termination. See Test Loads and
Recommended Terminations for specific values.
50
NS_SAS1T
OUT
True clock of differential non-spreading SAS output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
51
AVDD_NS_SAS
PWR 3.3V power for the non-spreading SAS/SRC PLL analog circuits.
52
GNDNS
PWR Ground pin for non-spreading differential outputs and logic.
53
CPU0C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
54
CPU0T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
55
CPU1C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
56
CPU1T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
57
VDDCPU
PWR 3.3V power for the CPU outputs and logic
58
GNDCPU
PWR Ground pin for CPU outputs and logic.
59
CPU2C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
60
CPU2T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
61
CPU3C
OUT
Complementary clock of differential CPU output. These are current mode outputs and external series
resistors and shunt resistors are required for termination. See Test Loads and Recommended
Terminations for specific values.
62
CPU3T
OUT
True clock of differential CPU output. These are current mode outputs and external series resistors and
shunt resistors are required for termination. See Test Loads and Recommended Terminations for specific
values.
63
VDDCPU
PWR 3.3V power for the CPU outputs and logic
64
SMBDAT
I/O
Data pin of SMBUS circuitry, 5V tolerant


Số phần tương tự - 932SQ426_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
932SQ426AGLF RENESAS-932SQ426AGLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AGLFT RENESAS-932SQ426AGLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLF RENESAS-932SQ426AKLF Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
932SQ426AKLFT RENESAS-932SQ426AKLFT Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
More results

Mô tả tương tự - 932SQ426_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
932SQ426 RENESAS-932SQ426 Datasheet
559Kb / 26P
   CK420BQ DERIVATIVE SUPPORTING SRNS PCIE CLOCKING
REV C 022916
logo
Integrated Device Techn...
932QL456 IDT-932QL456 Datasheet
381Kb / 23P
   Low-Power CK420BQ Derivative for PCIe
9ZML1233E IDT-9ZML1233E Datasheet
408Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
   6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
   8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
   2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
932SQL450 RENESAS-932SQL450 Datasheet
7Mb / 24P
   Low-Power CK420BQ Derivative for PCIe Common Clock Architectures
03/06/15
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
   2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
logo
Integrated Device Techn...
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
   12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com