công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA157 bảng dữ liệu(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

tên linh kiện BA157
Giải thích chi tiết về linh kiện  1.0 AMP. Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DYELEC [DIYI Electronic Technology Co., Ltd.]
Trang chủ  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BA157 bảng dữ liệu(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  BA157 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BA157 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
Maximum Reverse Recovery Time ( Note 2 )
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-41
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
1.0 AMP. Fast Recovery Rectifiers
Dimensions in inches and (millimeters)
BA157 THRU BA159
Features
Maximum Ratings and Electrical Characteristics
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
BA157
BA158
BA159
Unit
VRRM
400
600
1000
V
VRMS
280
420
700
V
VDC
400
600
1000
V
IO
A
IFSM
A
VFM
V
TRR
250
nS
C
pF
TJ
TSTG
-55 to + 125
150
Type Number
uA
Average Rectified Output Current (Note 1)
@T =55 ℃
1.2
5.0
IR
100
12
At Rated DC Blocking Voltage @T =125 ℃
1.0
30
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
Operating Temperature Range
Storage Temperature Range
Forward Voltage
@IF=1.0A
Peak Reverse Current
@T =25℃
-55 to + 150
1of2
3. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
Typical Junction Capacitance (Note 3)
A
A
A
Plastic material-UL
94V-0
·
flammability
A
J
MIN.
MAX
MIN.
DIA.
DIA.
DO-41
version:01
www.dyelec.com


Số phần tương tự - BA157

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yangzhou yangjie electr...
BA157 YANGJIE-BA157 Datasheet
212Kb / 4P
   Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157 Datasheet
569Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Diotec Semiconductor
BA157 DIOTEC-BA157 Datasheet
193Kb / 2P
   Fast Silicon Rectifiers
logo
Goodwork Semiconductor ...
BA157 GWSEMI-BA157 Datasheet
67Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results

Mô tả tương tự - BA157

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
1F1 GWSEMI-1F1 Datasheet
67Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
1N4942 DGNJDZ-1N4942 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
BA157-2C1A-2CDO-41 DGNJDZ-BA157-2C1A-2CDO-41 Datasheet
212Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
1F1 DGNJDZ-1F1 Datasheet
139Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4933 FORMOSA-1N4933 Datasheet
38Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com