công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-207LM-QL bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ADC-207LM-QL
Giải thích chi tiết về linh kiện  7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADC-207LM-QL bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ADC-207LM-QL Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-207LM-QL Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-207LM-QL Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-207LM-QL Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-207LM-QL Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-207LM-QL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADC-207
®
®
USING TWO ADC-207’S FOR 8-BIT RESOLUTION
Two ADC-207’s (A and B) are cascadable for applications
requiring 8-bit resolution. The device A provides a typical 7-bit
output. The OVERFLOW signal of device A turns off device A
and turns on the device B. The OVERFLOW signal of device A
is also used as MSB for 8-bit operation. The device B provides
the other seven bits from the input signal. Figure 4 shows the
circuit connections for the application.
BEAT FREQUENCY AND ENVELOPE TESTS
Figure 5 shows an actual ADC-207 plot of the Beat Frequency
Test. This test uses a 20MHz clock input to the ADC-207 with
a 20.002MHz full-scale sine wave input. Although the
converter would not normally be used in this mode because
the input frequency violates Nyquist criteria for full recovery of
signal information, the test is an excellent demonstration of the
ADC-207’s high-frequency performance.
The effect of the 2kHz frequency difference between the input
and the clock is that the output will be a 2kHz sinusoidal digital
data array which "walks" along the actual input at the 2kHz
beat note frequency. Any inability to follow the 20.002MHz
input will be immediately obvious by plotting the digital data
array. Further arithmetic analysis may be done on the data
array to determine spectral purity, harmonic distortion, etc.
This test is an excellent indication of:
1. Full power input bandwidth of all 128 comparators.
(Any gain loss would show as signal distortion.)
2. Phase response linearity vs. instantaneous signal
magnitude. (Phase problems would show as
improper codes.)
3. Comparator slew rate limiting.
Figure 6 shows an actual ADC-207 plot of the Envelope Test.
This test is a variation of the previous test but uses a
10.002MHz sinewave input to give two overlapping cycles
when the data is reconstructed by a D/A converter output to an
oscilloscope. The scope is triggered by the 20MHz clock used
by the A/D. Any asymmetry between positive and negative
portions of the signal will be very obvious. This test is an
excellent indication of slew rate capability. At the peaks of the
envelope, consecutive samples swing completely through the
input voltage range.
to 12ns to improve performance above
20MHz. Such a configuration will closely
resemble an ideal sampler.
Figure 3. Optional Pulse Shaping Circuit
Figure 4. Using Two ADC-207’s for 8-Bit Operation
NOTE:
The output data bit numbering is offset
by a bit to the device B’s output.
9
CLOCK IN
GROUND
+5 VOLTS
8
1
2
3
13
12
11
CLOCK OUT
20k
6
4
5
0.01µF
10pF
18
6
10
TURN
+5V
8
4
1
9
3
6
8
1
4
+5V
REFERENCE
GROUND
9
18
3
7
7
10
OVERFLOW
ANALOG IN
CLOCK IN
OPTIONAL
MIDSCALE
ADJUST
+5.12
REFERENCE
IN
BIT 1 (MSB)
BIT2
BIT3
BIT4
BIT5
BIT6
BIT7
BIT8 (LSB)
11
12
13
14
15
16
17
+REFERENCE
+VDD
OF
B1
B2
B3
B4
B5
B6
B7
DIG GND
CS1
ANALOG INPUT
CLOCK
CS2
–REFERENCE
ANALOG GROUND
+REFERENCE
OF
B1
B2
B3
B4
B5
B6
B7
CS1
CLOCK
ANALOG INPUT
+VDD
CS2
–REFERENCE
2
10
11
12
13
14
15
16
17
2
ANALOG GROUND
DIG GND


Số phần tương tự - ADC-207LM-QL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-207LM-QL MURATA-PS-ADC-207LM-QL Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
DATEL, Inc.
ADC-207LM-QL DATEL-ADC-207LM-QL Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-207LM-QL-C DATEL-ADC-207LM-QL-C Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

Mô tả tương tự - ADC-207LM-QL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com