công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-207MM-QL bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện ADC-207MM-QL
Giải thích chi tiết về linh kiện  7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADC-207MM-QL bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  ADC-207MM-QL Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-207MM-QL Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ADC-207
®
®
OUTPUT CODING
(+REFERENCE = +5.12V, –REFERENCE = ground, MIDPOINT = no connection)
NOTE:
The reference should be held to ±0.1% accuracy or
better. Do not use the +5V power supply as a
reference input without precision regulation and high
frequency decoupling.
Values shown here are for a +5.12V reference. Scale other
references proportionally. Calibration equipment should test for
code changes at the midpoints between these center values
shown in Table 1. For example, at the half-scale major carry,
set the input to 2.54V and adjust the reference until the code
flickers equally between 63 and 64. Note also that the
weighting for the comparator resistor network leaves the first
and last thresholds within 1/2LSB of the end points to adjust
the code transition to the proper midpoint values.
Continuous conversion requires one cycle/sample (one positive
pulse and one negative pulse). The 3-state buffer has two
enable lines, CS1 and CS2. Table 2 shows the truth table for
chip select signals. CS1 has the function of enabling/disabling
bits 1 through 7. CS2 has the function of enabling/disabling
bits 1 through 7 and the overflow bit. Also, a full-scale input
produces all ones, including the overflow bit at the output. The
ADC-207 has an adjustable resistor ladder string. The top end,
idle point, and bottom end are brought out for use with
applications circuits.
These pins are called +REFERENCE, MIDPOINT and
–REFERENCE, respectively. In typical operation
+REFERENCE is tied to +5V, –REFERENCE is tied to ground,
and MIDPOINT is bypassed to ground. Such a configuration
results in a 0 to +5V input voltage range. The MIDPOINT pin
can also be tied to a +2.5V source to further improve integral
linearity. This is usually not necessary unless better than 7-bit
linearity is needed.
Table 2. Chip Select Truth Table
CS1
CS2
Bits 1-7
Overflow Bit
0
0
3-State Mode
3-State Mode
1
0
3-State Mode
3-State Mode
0
1
Data Outputed
Data Outputed
1
1
3-State Mode
Data Outputed
NOTE: Reduce the sample time (sample pulse)
ADC-207 OPERATION
The ADC-207 uses a switched capacitor scheme in which
there is an auto-zero phase and a sampling phase. See
Figure 1 and Timing Diagram. The ADC-207 uses a single
clock input. When the clock is at a high state (logic 1), the
ADC-207 is in the auto-zero phase (Ø1). When the clock is at
a low state (logic 0), the ADC-207 is in the sampling phase
(Ø2). During phase 1, the 128 comparator outputs are shorted
to their inputs through CMOS switches. This serves the
purpose of bringing the inputs and outputs to the transition
levels of the respective comparators. The inputs to the
comparators are also connected to 128 sampling capacitors.
The other end of the 128 capacitors are also shorted to 128
taps of a resistor ladder, via CMOS switches. Therefore, during
phase 1 the sampling capacitors are charged to the differential
voltage between a resistor tap and its respective comparator
transition voltage.
This eliminates offset differences between comparators and
yields better temperature performance. During phase 2 (Ø2) the
input voltage is applied to the 128 capacitors, via CMOS
switches. This forces the comparators to trip either high or low.
Since the comparators during phase 1 were sitting at their
transition point, they can trip very quickly to the correct state.
Also during phase 2, the outputs of the comparators are loaded
into internal latches which in turn feed a128-to-7 encoder. When
going back into phase 1, the output of the encoder is loaded into
an output latch. This latch then feeds the 3-state output buffer.
This means that the ADC-207 is of pipeline design. To do a
single conversion, the ADC-207 requires a positive pulse
followed by a negative pulse followed by a positive pulse.
Table 1. ADC-207 Output Coding
Analog Input
1
2
3
4
5
6
7
Hexadecimal
(Center Value)
Code
Overflow
MSB
LSB
Decimal
(Incl. 0V)
0.00V
Zero
0
0
0
0
0
0
0
0
0
00
+0.04V
+1LSB
0
0
0
0
0
0
0
1
1
01
+1.28V
+1/4FS
0
0
1
0
0
0
0
0
32
20
+2.52V
+1/2FS – 1LSB
0
0
1
1
1
1
1
1
63
3F
+2.56V
+1/2FS
0
1
0
0
0
0
0
0
64
40
+2.60V
+1/2FS + 1LSB
0
1
0
0
0
0
0
1
65
41
+3.84V
+3/4FS
0
1
1
0
0
0
0
0
96
60
+5.08V
+FS
0
1
1
1
1
1
1
1
127
7F
+5.12V
Overflow
1
1
1
1
1
1
1
1
255*
FF
*Note that the overflow code does not clear the data bits.
CLOCK
OUTPUT
DATA
AUTO
ZERO
N DATA
N+1 DATA
SAMPLE
N
SAMPLE
N + 1
SAMPLE
N + 2
AUTO
ZERO
AUTO
ZERO
25ns max.
25ns max.
∅1
∅2
∅1
∅1
∅2
∅2
TIMING DIAGRAM
3


Số phần tương tự - ADC-207MM-QL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-207MM-QL MURATA-PS-ADC-207MM-QL Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
DATEL, Inc.
ADC-207MM-QL DATEL-ADC-207MM-QL Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-207MM-QL-C DATEL-ADC-207MM-QL-C Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

Mô tả tương tự - ADC-207MM-QL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com