công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC-207 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện ADC-207
Giải thích chi tiết về linh kiện  7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ADC-207 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

  ADC-207 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-207 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-207 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-207 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-207 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-207 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MECHANICAL DIMENSIONS INCHES (MM)
ORDERING INFORMATION
MODEL
TEMP. RANGE
PACKAGE
ADC-207MC
0 to +70°C
18-pin DIP
ADC-207MM
–55 to +125°C
18-pin DIP
ADC-207MM-QL
–55 to +125°C
18-pin DIP
ADC-207LC
0 to +70°C
24-pin CLCC
ADC-207LM
–55 to +125°C
24-pin CLCC
ADC-207LM-QL
–55 to +125°C
24-pin CLCC
ACCESSORIES
ADC-B207/208
Evaluation Board for DIP Version
(without ADC-207)
0.400
(10.16
)
0.250 ±0.005
(6.35 ±0.13)
0.050
(1.270)
TYP.
0.020 ±0.005
(0.51 ±0.13)
1
24
16
10
4
0.090 MAX.
(2.29 MAX.)
+0.010
–0.005
+0.25
–0.13
0.400
(10.16
)
+0.010
–0.005
+0.25
–0.13
0.250 ±0.005
(6.35 ±0.13)
PIN 1
INDEX
TOP VIEW
24-Pin Ceramic LCC
18-Pin Ceramic DIP
0.960 MAX.
(24.38 MAX.)
0.220/0.310
(5.59/7.87)
DATEL
ADC-207MC
PIN 1
IDENTIFIER
1
18
10
9
0.200 MAX.
(5.1 MAX.)
0.100 TYP.
(2.540)
0.014/0.023
(0.35/0.58)
0.015/0.060
(0.38/1.52)
0.290/0.320
(7.36/8.13)
SEATING
PLANE
0.035
(0.889)
0.008/0.015
(0.20/0.38)
IN N O VA T IO N a n d E X C ELL E N C E
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DS-0038C
12/04
ISO 9001
ISO 9001
REGISTERED
ADC-207
®
®
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Số phần tương tự - ADC-207

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
ADC-207LC MURATA-PS-ADC-207LC Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
DATEL, Inc.
ADC-207LC DATEL-ADC-207LC Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-207LC-C DATEL-ADC-207LC-C Datasheet
102Kb / 1P
   CMOS Flash A/D
ADC-207LE DATEL-ADC-207LE Datasheet
102Kb / 1P
   CMOS Flash A/D
More results

Mô tả tương tự - ADC-207

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Murata Power Solutions ...
ADC-207 MURATA-PS-ADC-207 Datasheet
204Kb / 6P
   7-Bit, 20MHz, CMOS Flash A/D Converters
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com