công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5400U bảng dữ liệu(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

tên linh kiện 1N5400U
Giải thích chi tiết về linh kiện  3 .0 AMP. Silicon Rectifiers Plastic
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DYELEC [DIYI Electronic Technology Co., Ltd.]
Trang chủ  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

1N5400U bảng dữ liệu(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  1N5400U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 1N5400U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lead Free: For RoHS/Lead Free Version
5408U
5407U
5406U
5404U
5402U
5401U
5400U
1N5400U THRU 1N5408U
3 .0 AMP.
Silicon Rectifiers
· Low forward voltage drop
· High current capability
· High reliability
· High surge current capability
Mechanical Data
· Case: Molded plastic DO-201AD
· Terminals: Plated leads solderable per
MIL-STD-202,Method 208 guaranteed
· Polarity: Color band dentes cathode end
· Mounting Position: Any
· Making: Type Number
·
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
SYMBOL
1N
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IO
A
IFSM
A
VFM
V
CJ
pF
RθJA
/W
TJ
TSTG
3.0
Features
Maximum Ratings and Electrical Characteristics
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current.375"(9.5mm) lead length @TA=55
Typical Junction Capacitance (Note 1)
30
Typical Thermal Resistance Junction to
Ambient(Note 2)
20
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
150
Forward Voltage
@IF=3.0A
1.1
Peak Reverse Current
@TA=25
5.0
1of2
www.dyelec.com
IR
uA
Note:1. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C
Operating Temperature Range
-55 to +125
Storage Temperature Range
-55 to +150
2. Leads maintained at ambient temperature at a distance of 9.5mm from the case
At Rated DC Blocking Voltage @TA=100
100
Plastic
Plastic material-UL
94V-0
·
flammability
1N
1N
1N
1N
1N
1N
version:01
Dimensions in inches and (millimeters)
MIN.
MIN.
DIA.
DIA.
DO-201AD
0.96(24.5)
0.96(24.5)


Số phần tương tự - 1N5400U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
1N5400 VISHAY-1N5400 Datasheet
79Kb / 4P
   General Purpose Plastic Rectifier
01-Jan-2022
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Nanjing International G...
1N5400 DGNJDZ-1N5400 Datasheet
240Kb / 2P
   3.0 AMP SILICON RECTIFIERS
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
More results

Mô tả tương tự - 1N5400U

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DIYI Electronic Technol...
HER301 DYELEC-HER301 Datasheet
514Kb / 2P
   3 .0 AMP. High Efficient Rectifiers
SF31 DYELEC-SF31 Datasheet
557Kb / 2P
   3 .0 AMP. Super Fast Rectifiers
SF31U DYELEC-SF31U Datasheet
565Kb / 2P
   3 .0 AMP. Super Fast Rectifiers
6A05 DYELEC-6A05 Datasheet
486Kb / 2P
   6.0 AMP. Silicon Rectifiers Plastic
logo
SHIKUES Electronics
10A05 SKTECHNOLGY-10A05 Datasheet
820Kb / 2P
   10.0 AMP. Plastic Silicon Rectifiers
logo
DIYI Electronic Technol...
1N5400 DYELEC-1N5400 Datasheet
596Kb / 2P
   3.0 AMP. Silicon Rectifiers Plastic
8A05 DYELEC-8A05 Datasheet
636Kb / 2P
   8.0 AMP. Silicon Rectifiers Plastic
1N4001 DYELEC-1N4001 Datasheet
765Kb / 2P
   1.0 AMP. Plastic Silicon Rectifiers
logo
First Components Intern...
FR1601 FCI-FR1601 Datasheet
153Kb / 2P
   16 Amp PLASTIC SILICON RECTIFIERS
logo
Fuji Electric
1N5400 FUJI-1N5400 Datasheet
677Kb / 1P
   3 AMP PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com