công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT14A bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74HCT14A
Giải thích chi tiết về linh kiện  Hex Schmitt-Trigger Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT14A bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74HCT14A_14 Datasheet HTML 1Page - ON Semiconductor MC74HCT14A_14 Datasheet HTML 2Page - ON Semiconductor MC74HCT14A_14 Datasheet HTML 3Page - ON Semiconductor MC74HCT14A_14 Datasheet HTML 4Page - ON Semiconductor MC74HCT14A_14 Datasheet HTML 5Page - ON Semiconductor MC74HCT14A_14 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 14
1
Publication Order Number:
MC74HCT14A/D
MC74HCT14A
Hex Schmitt-Trigger
Inverter with LSTTL
Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT14A may be used as a level converter for interfacing
TTL or NMOS outputs to high−speed CMOS inputs.
The HCT14A is useful to “square up” slow input rise and fall times.
Due to the hysteresis voltage of the Schmitt trigger, the HCT14A finds
applications in noisy environments.
Features
Output Drive Capability: 10 LSTTL Loads
TTL/NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1.0 mA
In Compliance With the JEDEC Standard No. 7.0 A Requirements
Chip Complexity: 72 FETs or 18 Equivalent Gates
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free and are RoHS Compliant
PIN 14 = VCC
PIN 7 = GND
Y = A
A1
1
2
Y1
A2
3
4
Y2
A3
5
6
Y3
A4
9
8
Y4
A5
11
10
Y5
A6
13
12
Y6
LOGIC DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING DIAGRAMS
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW
= Work Week
G or
G
= Pb−Free Package
HCT14AG
AWLYWW
1
14
HCT
14A
ALYW
G
G
1
14
(Note: Microdot may be in either location)
TSSOP−14
SOIC−14 NB
TSSOP−14
DT SUFFIX
CASE 948G
SOIC−14 NB
D SUFFIX
CASE 751A
11
12
13
14
8
9
10
5
4
3
2
1
7
6
Y5
A5
Y6
A6
VCC
Y4
A4
Y2
A2
Y1
A1
GND
Y3
A3
PIN ASSIGNMENT
FUNCTION TABLE
Input
A
Output
Y
L
H
H
L


Số phần tương tự - MC74HCT14A_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT14AD ONSEMI-MC74HCT14AD Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT14ADR2 ONSEMI-MC74HCT14ADR2 Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74HCT14ADR2G ONSEMI-MC74HCT14ADR2G Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT14ADTR2G ONSEMI-MC74HCT14ADTR2G Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
More results

Mô tả tương tự - MC74HCT14A_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
System Logic Semiconduc...
SL74HC14 SLS-SL74HC14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
MC74AC14 ONSEMI-MC74AC14 Datasheet
91Kb / 8P
   Hex Inverter Schmitt Trigger
May, 2001 ??Rev. 5
logo
Texas Instruments
SN74ALVC14 TI-SN74ALVC14_06 Datasheet
261Kb / 11P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
   Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTER
logo
KODENSHI_AUK CORP.
KK74LS14 KODENSHI-KK74LS14 Datasheet
213Kb / 4P
   Hex Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
   HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com