công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74AC161DR2G bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC74AC161DR2G
Giải thích chi tiết về linh kiện  Synchronous Presettable Binary Counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC161DR2G bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC74AC161DR2G Datasheet HTML 4Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 5Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 6Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 7Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 8Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 9Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 10Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 11Page - ON Semiconductor MC74AC161DR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74AC161, MC74ACT161, MC74AC163, MC74ACT163
www.onsemi.com
9
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT161
74ACT161
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Count
Frequency
5.0
115
125
100
MHz
3−3
tPLH
Propagation Delay
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
8.0
9.5
1.5
10.5
ns
3−6
tPHL
Propagation Delay
CP or Qn (PE Input HIGH or LOW)
5.0
1.5
8.0
10.5
1.5
11.5
ns
3−6
tPLH
Propagation Delay
CP to TC
5.0
2.0
11.0
11.0
1.5
12.5
ns
3−6
tPHL
Propagation Delay
CP to TC
5.0
1.5
11.0
12.5
1.5
13.5
ns
3−6
tPLH
Propagation Delay
CET to TC
5.0
1.5
7.5
8.5
1.5
10.0
ns
3−6
tPHL
Propagation Delay
CET to TC
5.0
1.5
8.0
9.5
1.5
10.5
ns
3−6
tPHL
Propagation Delay
MR to Qn
5.0
1.5
8.0
10.0
1.5
11.0
ns
3−6
tPHL
Propagation Delay
MR to TC
5.0
2.5
10.0
13.5
2.0
14.5
ns
3−6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT163
74ACT163
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Count
Frequency
5.0
120
140
105
MHz
3−3
tPLH
Propagation Delay
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
5.5
10.0
1.5
11.0
ns
3−6
tPHL
Propagation Delay
CP to Qn (PE Input HIGH or LOW)
5.0
1.5
6.0
11.0
1.5
12.0
ns
3−6
tPLH
Propagation Delay
CP to TC
5.0
2.5
7.0
11.5
2.0
13.5
ns
3−6
tPHL
Propagation Delay
CP to TC
5.0
3.0
8.0
13.5
2.0
15.0
ns
3−6
tPLH
Propagation Delay
CET to TC
5.0
2.0
5.5
9.0
1.5
10.5
ns
3−6
tPHL
Propagation Delay
CET to TC
5.0
2.0
6.0
10.0
2.0
11.0
ns
3−6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Số phần tương tự - MC74AC161DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74AC161DR2 ONSEMI-MC74AC161DR2 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
More results

Mô tả tương tự - MC74AC161DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com