công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVC06A bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện 74LVC06A
Giải thích chi tiết về linh kiện  Low-Voltage CMOS Hex Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC06A bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  74LVC06A_15 Datasheet HTML 1Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 2Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 3Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 4Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 5Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 6Page - ON Semiconductor 74LVC06A_15 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
74LVC06A
www.onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
Operating
Functional
1.65
1.2
5.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
Active Mode
3−State
0
0
VCC
5.5
V
IOL
LOW Level Output Current
VCC = 4.5 V − 5.5 V
VCC = 3.0 V − 3.6 V
VCC = 2.7 V − 3.0 V
VCC = 2.3 V − 2.7 V
+32
+24
+12
+8
mA
TA
Operating Free−Air Temperature
−40
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 1.65 to 2.7 V
VCC = 2.7 to 5.5 V
0
0
20
10
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
−40 to +85
5C
−40 to +125
5C
Unit
Min
Typ
(Note 4)
Max
Min
Typ
(Note 4)
Max
VIH
HIGH−level input voltage
VCC = 1.2 V
1.08
1.08
V
VCC = 1.65 V to 1.95 V
0.65 x
VCC
0.65 x
VCC
VCC = 2.3 V to 2.7 V
1.7
1.7
VCC = 2.7 V to 3.6 V
2.0
2.0
VCC = 4.5 V to 5.5 V
0.7 x
VCC
0.7 x
VCC
VIL
LOW−level input voltage
VCC = 1.2 V
0.12
0.12
V
VCC = 1.65 V to 1.95 V
0.35 x
VCC
0.35 x
VCC
VCC = 2.3 V to 2.7 V
0.7
0.7
VCC = 2.7 V to 3.6 V
0.8
0.8
VCC = 4.5 V to 5.5 V
0.3 x
VCC
0.3 x
VCC
VOL
LOW−level output voltage
VI = VIH or VIL
V
IO = 100 mA;
VCC = 1.65 V to 3.6 V
0.2
0.3
IO = 4 mA; VCC = 1.65 V
0.45
0.65
IO = 8 mA; VCC = 2.3 V
0.6
0.8
IO = 12 mA; VCC = 2.7 V
0.4
0.6
IO = 24 mA; VCC = 3.0 V
0.55
0.8
IO = 32 mA; VCC = 4.5 V
0.55
0.8
II
Input leakage current
VI = 5.5 V or GND
VCC = 1.65 to 5.5 V
±0.1
±5
±0.1
±20
mA
IOZ
OFF−state output current
VI = VIH; VO = 5.5 V or GND;
VCC = 1.65 to 5.5 V
±0.1
±5
±0.1
±20
mA
IOFF
Power−off leakage current
VI or VO = 5.5 V; VCC = 0 V
±0.1
±10
±0.1
±20
mA
4. All typical values are measured at TA = 25°C and VCC = 3.3 V, unless stated otherwise.


Số phần tương tự - 74LVC06A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
74LVC06AS14 DIODES-74LVC06AS14 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AS14-13 DIODES-74LVC06AS14-13 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AT14 DIODES-74LVC06AT14 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06AT14-13 DIODES-74LVC06AT14-13 Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
More results

Mô tả tương tự - 74LVC06A_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
MC74LVQ04 MOTOROLA-MC74LVQ04 Datasheet
176Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
REV 1
74LVC04A ONSEMI-74LVC04A Datasheet
92Kb / 7P
   Low-Voltage CMOS Hex Inverter
September, 2015 ??Rev. 0
74LVC06A ONSEMI-74LVC06A Datasheet
96Kb / 7P
   Low-Voltage CMOS Hex Inverter
June, 2015 ??Rev. P0
MC74LCX14 ONSEMI-MC74LCX14_12 Datasheet
168Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter
October, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com