công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2651MTC-3.3 bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2651MTC-3.3
Giải thích chi tiết về linh kiện  1.5A High Efficiency Synchronous Switching Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2651MTC-3.3 bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2651MTC-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LM2651MTC-3.3 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Corporation
Americas
Tel: 1-800-272-9959
Fax: 1-800-737-7018
Email: support@nsc.com
National Semiconductor
Europe
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Response Group
Tel: 65-2544466
Fax: 65-2504466
Email: ap.support@nsc.com
National Semiconductor
Japan Ltd.
Tel: 81-3-5639-7560
Fax: 81-3-5639-7507
www.national.com
16-Lead TSSOP (MTC)
For ordering, refer to Ordering Information Table
See NS Package Number MTC16
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Số phần tương tự - LM2651MTC-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2651MTC-3.3 NSC-LM2651MTC-3.3 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651MTC-3.3 TI1-LM2651MTC-3.3 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
LM2651MTC-3.3/NOPB TI1-LM2651MTC-3.3/NOPB Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
More results

Mô tả tương tự - LM2651MTC-3.3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com