công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73213 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCP73213
Giải thích chi tiết về linh kiện  Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73213 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCP73213_14 Datasheet HTML 1Page - Microchip Technology MCP73213_14 Datasheet HTML 2Page - Microchip Technology MCP73213_14 Datasheet HTML 3Page - Microchip Technology MCP73213_14 Datasheet HTML 4Page - Microchip Technology MCP73213_14 Datasheet HTML 5Page - Microchip Technology MCP73213_14 Datasheet HTML 6Page - Microchip Technology MCP73213_14 Datasheet HTML 7Page - Microchip Technology MCP73213_14 Datasheet HTML 8Page - Microchip Technology MCP73213_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP73213
DS20002190C-page 4
 2009-2014 Microchip Technology Inc.
Functional Block Diagram
REFERENCE,
BIAS, UVLO,
AND SHDN
VREF (1.21V)
STAT
PROG
VBAT
VSS
DIRECTION
CONTROL
PRECONDITION
+
-
TERM
+
-
CA
CHARGE
+
-
VA
+
-
CURRENT
LIMIT
CHARGE
CONTROL,
TIMER,
AND
STATUS
LOGIC
VREF
VOREG
VOREG
UVLO
VDD
Input OverVP
VDD
13V
Thermal Regulation
TSD
110
°C
*Recharge
VBAT
95% VREG
*Only available on selected options
G=0.001


Số phần tương tự - MCP73213_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73213-A6SI/MF MICROCHIP-MCP73213-A6SI/MF Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213-B6SI/MF MICROCHIP-MCP73213-B6SI/MF Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213-I/MF MICROCHIP-MCP73213-I/MF Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213T MICROCHIP-MCP73213T Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73213T-A6SI/MF MICROCHIP-MCP73213T-A6SI/MF Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
More results

Mô tả tương tự - MCP73213_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213 Datasheet
537Kb / 34P
   Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
MCP73113 MICROCHIP-MCP73113_10 Datasheet
587Kb / 34P
   Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
   Dual-cell Li-ion/Li-polymer battery protection IC
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Linear Technology
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com