công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73832T-5DCI/OT bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP73832T-5DCI/OT
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73832T-5DCI/OT bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP73832T-5DCI/OT Datasheet HTML 1Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 2Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 3Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 4Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 5Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 6Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 7Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 8Page - Microchip Technology MCP73832T-5DCI/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 5
MCP73831/2
TEMPERATURE SPECIFICATIONS
Automatic Power Down
Exit Threshold
VPDEXIT
—VDD<(VBAT
+150 mV)
VDD<(VBAT
+200 mV)
3.5V
 VBAT  VREG
VDD Rising
Thermal Shutdown
Die Temperature
TSD
—150
C
Die Temperature
Hysteresis
TSDHYS
—10
C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Not production tested. Ensured by design.
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typical) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low-to-High
Constant-Current Regulation
Transition Time Out of
Preconditioning
tDELAY
——
1
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of
Preconditioning
tRISE
——
1
ms
IOUT Rising to 90% of IREG
Termination Comparator
Filter
tTERM
0.4
1.3
3.2
ms
Average IOUT Falling
Charge Comparator Filter
tCHARGE
0.4
1.3
3.2
ms
Average VBAT
Status Indicator
Status Output turn-off
tOFF
——
200
µ
sISINK = 1 mA to 0 mA
Status Output turn-on
tON
——
200
µ
sISINK = 0 mA to 1 mA
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (typical) + 0.3V] to 12V.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
5-Lead, SOT-23
JA
230
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection
(Note 2)
8-Lead, 2 mm x 3 mm, DFN
JA
76
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection
(Note 1)
Note 1:
This represents the minimum copper condition on the PCB (Printed Circuit Board).
2:
With large copper area on the PCB, the SOT-23-5 thermal resistance (
JA) can reach a typical value of
130°C/W or better.


Số phần tương tự - MCP73832T-5DCI/OT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73832T-5DCI/OT MICROCHIP-MCP73832T-5DCI/OT Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73832T-5DCI/OT MICROCHIP-MCP73832T-5DCI/OT Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
More results

Mô tả tương tự - MCP73832T-5DCI/OT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com