công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73832T-4DCI/MC bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện MCP73832T-4DCI/MC
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73832T-4DCI/MC bảng dữ liệu(HTML) 3 Page - Microchip Technology

  MCP73832T-4DCI/MC Datasheet HTML 1Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 2Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 3Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 4Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 5Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 6Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 7Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 8Page - Microchip Technology MCP73832T-4DCI/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 3
MCP73831/2
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...................................................................................7.0V
All Inputs and Outputs w.r.t. VSS ............... -0.3 to (VDD+0.3)V
Maximum Junction Temperature, TJ ............Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins:
Human Body Model (1.5 k
 in Series with 100 pF)4kV
Machine Model (200 pF, No Series Resistance) .............400V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Input
Supply Voltage
VDD
3.75
6
V
Supply Current
ISS
510
1500
µA
Charging
53
200
µA
Charge Complete,
No Battery
25
50
µA
PROG Floating
—1
5
µA
VDD < (VBAT - 50 mV)
—0.1
2
µA
VDD < VSTOP
UVLO Start Threshold
VSTART
3.3
3.45
3.6
V
VDD Low-to-High
UVLO Stop Threshold
VSTOP
3.2
3.38
3.5
V
VDD High-to-Low
UVLO Hysteresis
VHYS
—70
mV
Voltage Regulation (Constant-Voltage Mode)
Regulated Output Voltage
VREG
4.168
4.20
4.232
V
MCP7383X-2
4.317
4.35
4.383
V
MCP7383X-3
4.367
4.40
4.433
V
MCP7383X-4
4.466
4.50
4.534
V
MCP7383X-5
VDD = [VREG(typical)+1V]
IOUT = 10 mA
TA = -5°C to +55°C
Line Regulation
VBAT/
VBAT)/VDD|
0.09
0.30
%/V
VDD = [VREG(typical)+1V] to
6V, IOUT = 10 mA
Load Regulation
VBAT/VBAT|
0.05
0.30
%
IOUT = 10 mA to 50 mA
VDD = [VREG(typical)+1V]
Supply Ripple Attenuation
PSRR
52
—-
dB
IOUT=10 mA, 10Hz to 1 kHz
—47
dB
IOUT=10 mA, 10Hz to 10 kHz
—22
dB
IOUT=10 mA, 10Hz to 1 MHz
Current Regulation (Fast Charge Constant-Current Mode)
Fast Charge Current
Regulation
IREG
90
100
110
mA
PROG = 10 k
450
505
550
mA
PROG = 2.0 k
Note 1
12.5
14.5
16.5
mA
PROG = 67 k
TA = -5°C to +55°C
Note 1:
Not production tested. Ensured by design.


Số phần tương tự - MCP73832T-4DCI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73832T-4DCI/MC MICROCHIP-MCP73832T-4DCI/MC Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73832T-4DCI/MC MICROCHIP-MCP73832T-4DCI/MC Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
More results

Mô tả tương tự - MCP73832T-4DCI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com