công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73832T-2ADI/MC bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện MCP73832T-2ADI/MC
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73832T-2ADI/MC bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button MCP73832T-2ADI/MC Datasheet HTML 7Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 8Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 9Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 10Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 11Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 12Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 13Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 14Page - Microchip Technology MCP73832T-2ADI/MC Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 11
MCP73831/2
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (typical) + 0.3V] to 6V is
recommended. Bypass to VSS with a minimum of
4.7 µF.
3.2
Battery Charge Control Output
(VBAT)
Connect to positive terminal of battery. Drain terminal
of internal P-channel MOSFET pass transistor. Bypass
to VSS with a minimum of 4.7 µF to ensure loop stability
when the battery is disconnected.
3.3
Charge Status Output (STAT)
STAT is an output for connection to an LED for charge
status indication. Alternatively, a pull-up resistor can be
applied for interfacing to a host microcontroller.
STAT is a tri-state logic output on the MCP73831 and
an open-drain output on the MCP73832.
3.4
Battery Management 0V Reference
(VSS)
Connect to negative terminal of battery and input
supply.
3.5
Current Regulation Set (PROG)
Preconditioning, fast charge and termination currents
are scaled by placing a resistor from PROG to VSS.
The charge management controller can be disabled by
allowing the PROG input to float.
3.6
Exposed Thermal Pad (EP)
An internal electrical connection exists between the
Exposed Thermal Pad (EP) and the VSS pin. They must
be connected to the same potential on the Printed
Circuit Board (PCB).
For better thermal performance, it is recommended to
add vias from the land area of EP to a copper layer on
the other side of the PCB.
Pin No.
Symbol
Function
DFN
SOT-23-5
14
VDD
Battery Management Input Supply
2—
VDD
Battery Management Input Supply
33
VBAT
Battery Charge Control Output
4—
VBAT
Battery Charge Control Output
5
1
STAT
Charge Status Output
62
VSS
Battery Management 0V Reference
7
NC
No Connection
8
5
PROG
Current Regulation Set and Charge Control Enable
9—
EP
Exposed Thermal Pad (EP); must be connected to VSS.


Số phần tương tự - MCP73832T-2ADI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73832T-2ADI/MC MICROCHIP-MCP73832T-2ADI/MC Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73832T-2ADI/MC MICROCHIP-MCP73832T-2ADI/MC Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
More results

Mô tả tương tự - MCP73832T-2ADI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com