công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73832T-3ACI/MC bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện MCP73832T-3ACI/MC
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73832T-3ACI/MC bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button MCP73832T-3ACI/MC Datasheet HTML 4Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 5Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 6Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 7Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 8Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 9Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 10Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 11Page - Microchip Technology MCP73832T-3ACI/MC Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP73831/2
DS20001984G-page 8
 2005-2014 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, VDD = [VREG(typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant-Voltage mode.
FIGURE 2-7:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-8:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-9:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-10:
Charge Current (IOUT) vs.
Junction Temperature (TJ).
FIGURE 2-11:
Power Supply Ripple
Rejection (PSRR).
FIGURE 2-12:
Power Supply Ripple
Rejection (PSRR).
96
97
98
99
100
101
102
103
104
Ambient Temperature (°C)
RPROG = 10 kΩ
500
502
504
506
508
510
512
514
516
Ambient Temperature (°C)
RPROG = 2 kΩ
0
15
30
45
60
75
90
105
120
Junction Temperature (°C)
RPROG = 10 kΩ
0
75
150
225
300
375
450
525
Junction Temperature (°C)
RPROG = 2 kΩ
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VAC = 100 mVp-p
IOUT = 10 mA
COUT = 4.7 µF, X7R Ceramic
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
1000
Frequency (kHz)
VAC = 100 mVp-p
IOUT = 100 mA
COUT = 4.7 µF, X7R Ceramic


Số phần tương tự - MCP73832T-3ACI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73832T-3ACI/MC MICROCHIP-MCP73832T-3ACI/MC Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73832T-3ACI/MC MICROCHIP-MCP73832T-3ACI/MC Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73832T-3ACI/MC MICROCHIP-MCP73832T-3ACI/MC Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results

Mô tả tương tự - MCP73832T-3ACI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com