công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73831T-3ACI/OT bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCP73831T-3ACI/OT
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831T-3ACI/OT bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCP73831T-3ACI/OT Datasheet HTML 1Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 2Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 3Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 4Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 5Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 6Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 7Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 8Page - Microchip Technology MCP73831T-3ACI/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP73831/2
DS20001984G-page 4
 2005-2014 Microchip Technology Inc.
Preconditioning Current Regulation (Trickle Charge Constant-Current Mode)
Precondition Current
Ratio
IPREG / IREG
7.5
10
12.5
%
PROG = 2.0 k
to 10 k
15
20
25
%
PROG = 2.0 k
to 10 k
30
40
50
%
PROG = 2.0 k
to 10 k
100
%
No Preconditioning
TA = -5°C to +55°C
Precondition Voltage
Threshold Ratio
VPTH / VREG
64
66.5
69
%
VBAT Low-to-High
69
71.5
74
%
VBAT Low-to-High
Precondition Hysteresis
VPHYS
—110
mV
VBAT High-to-Low
Charge Termination
Charge Termination
Current Ratio
ITERM / IREG
3.75
5
6.25
%
PROG = 2.0 k
to 10 k
5.6
7.5
9.4
%
PROG = 2.0 k
to 10 k
8.5
10
11.5
%
PROG = 2.0 k
to 10 k
15
20
25
%
PROG = 2.0 k
to 10 k
TA = -5°C to +55°C
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH / VREG
91.5
94.0
96.5
%
VBAT High-to-Low
94
96.5
99
%
VBAT High-to-Low
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—350
m
VDD = 3.75V, TJ = 105°C
Battery Detection
Battery Detection Current
IBAT_DET
—6—
µA
VBAT Source Current
No-Battery-Present
Threshold
VNO_BAT
—VREG +
100 mV
—V
VBAT Voltage VNO_BAT for
No Battery condition
No-Battery-Present
Impedance
ZNO_BAT
2—
M
VBAT Impedance ZNO_BAT
for No Battery condition,
Note 1
Battery Discharge Current
Output Reverse Leakage
Current
IDISCHARGE
0.15
2
µA
PROG Floating
—0.25
2
µA
VDD Floating
—0.15
2
µA
VDD < VSTOP
-5.5
-15
µA
Charge Complete
Status Indicator – STAT
Sink Current
ISINK
——
25
mA
Low Output Voltage
VOL
—0.4
1
V
ISINK = 4 mA
Source Current
ISOURCE
——
35
mA
High Output Voltage
VOH
—VDD-0.4
VDD - 1
V
ISOURCE = 4 mA (MCP73831)
Input Leakage Current
ILK
0.03
1
µA
High-Impedance
PROG Input
Charge Impedance
Range
RPROG
2—
67
k
Minimum Shutdown
Impedance
RPROG
70
200
k
Automatic Power Down
Automatic Power Down
Entry Threshold
VPDENTER
VDD<(VBAT
+20 mV)
VDD<(VBAT
+50 mV)
—3.5V
 VBAT  VREG
VDD Falling
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(typical) + 0.3V] to 6V, TA = -40°C to +85°C.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Not production tested. Ensured by design.


Số phần tương tự - MCP73831T-3ACI/OT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831T-3ACI/OT MICROCHIP-MCP73831T-3ACI/OT Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831T-3ACI/OT MICROCHIP-MCP73831T-3ACI/OT Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831T-3ACI/OT MICROCHIP-MCP73831T-3ACI/OT Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results

Mô tả tương tự - MCP73831T-3ACI/OT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com