công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP73831T-4DCI/MC bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP73831T-4DCI/MC
Giải thích chi tiết về linh kiện  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831T-4DCI/MC bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP73831T-4DCI/MC Datasheet HTML 1Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 2Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 3Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 4Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 5Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 6Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 7Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 8Page - Microchip Technology MCP73831T-4DCI/MC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2005-2014 Microchip Technology Inc.
DS20001984G-page 1
MCP73831/2
Features:
• Linear Charge Management Controller:
- Integrated Pass Transistor
- Integrated Current Sense
- Reverse Discharge Protection
• High Accuracy Preset Voltage Regulation: + 0.75%
• Four Voltage Regulation Options:
- 4.20V, 4.35V, 4.40V, 4.50V
• Programmable Charge Current: 15 mA to 500 mA
• Selectable Preconditioning:
- 10%, 20%, 40%, or Disable
• Selectable End-of-Charge Control:
- 5%, 7.5%, 10%, or 20%
• Charge Status Output
- Tri-State Output - MCP73831
- Open-Drain Output - MCP73832
• Automatic Power-Down
• Thermal Regulation
• Temperature Range: -40°C to +85°C
• Packaging:
- 8-Lead, 2 mm x 3 mm DFN
- 5-Lead, SOT-23
Applications:
• Lithium-Ion/Lithium-Polymer Battery Chargers
• Personal Data Assistants
• Cellular Telephones
•Digital Cameras
• MP3 Players
• Bluetooth Headsets
• USB Chargers
Typical Application
Description:
The MCP73831/2 devices are highly advanced linear
charge management controllers for use in space-
limited, cost-sensitive applications. The MCP73831/2
are available in an 8-Lead, 2 mm x 3 mm DFN package
or a 5-Lead, SOT-23 package. Along with their small
physical size, the low number of external components
required make the MCP73831/2 ideally suited for
portable applications. For applications charging from a
USB port, the MCP73831/2 adhere to all the
specifications governing the USB power bus.
The MCP73831/2 employ a constant-current/constant-
voltage
charge
algorithm
with
selectable
preconditioning and charge termination. The constant
voltage regulation is fixed with four available options:
4.20V, 4.35V, 4.40V or 4.50V, to accommodate new,
emerging battery charging requirements. The constant
current value is set with one external resistor. The
MCP73831/2 devices limit the charge current based on
die temperature during high power or high ambient
conditions. This thermal regulation optimizes the
charge cycle time while maintaining device reliability.
Several options are available for the preconditioning
threshold, preconditioning current value, charge
termination value and automatic recharge threshold.
The preconditioning value and charge termination
value are set as a ratio or percentage of the
programmed constant current value. Preconditioning
can be disabled. Refer to Section 1.0 “Electrical
Characteristics” for available options and the
Product Identification System for standard options.
The MCP73831/2 devices are fully specified over the
ambient temperature range of -40°C to +85°C.
Package Types
STAT
VDD
VSS
PROG
VBAT
+
-
Single
Li-Ion
Cell
4
MCP73831
5
3
1
500 mA Li-Ion Battery Charger
2
VIN
4.7
F
470
2k
4.7
F
VBAT
VSS
VDD
1
2
3
5
4
PROG
STAT
MCP73831/2
2×3 DFN*
VBAT
VDD
VBAT
NC
VSS
1
2
3
4
8
7
6
5 STAT
PROG
VDD
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
MCP73831/2
SOT-23-5
Miniature Single-Cell, Fully Integrated Li-Ion,
Li-Polymer Charge Management Controllers


Số phần tương tự - MCP73831T-4DCI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831T-4DCI/MC MICROCHIP-MCP73831T-4DCI/MC Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831T-4DCI/MC MICROCHIP-MCP73831T-4DCI/MC Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
More results

Mô tả tương tự - MCP73831T-4DCI/MC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
   Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com