công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14551B bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14551B
Giải thích chi tiết về linh kiện  Quad 2-Channel Analog Multiplexer/Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14551B bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14551B_14 Datasheet HTML 1Page - ON Semiconductor MC14551B_14 Datasheet HTML 2Page - ON Semiconductor MC14551B_14 Datasheet HTML 3Page - ON Semiconductor MC14551B_14 Datasheet HTML 4Page - ON Semiconductor MC14551B_14 Datasheet HTML 5Page - ON Semiconductor MC14551B_14 Datasheet HTML 6Page - ON Semiconductor MC14551B_14 Datasheet HTML 7Page - ON Semiconductor MC14551B_14 Datasheet HTML 8Page - ON Semiconductor MC14551B_14 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 9
1
Publication Order Number:
MC14551B/D
MC14551B
Quad 2-Channel Analog
Multiplexer/Demultiplexer
The MC14551B is a digitally−controlled analog switch. This device
implements a 4PDT solid state switch with low ON impedance and
very low OFF Leakage current. Control of analog signals up to the
complete supply voltage range can be achieved.
Features
Triple Diode Protection on All Control Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Analog Voltage Range (VDD − VEE) = 3.0 to 18 V
Note: VEE must be
≤ VSS
Linearized Transfer Characteristics
Low Noise − 12 nV√Cycle, f ≥ 1.0 kHz typical
For Low RON, Use The HC4051, HC4052, or HC4053 High−Speed
CMOS Devices
Switch Function is Break Before Make
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
This Device is Pb−Free and is RoHS Compliant
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
(Referenced to VEE, VSS ≥ VEE)
VDD
– 0.5 to + 18.0
V
Input or Output Voltage (DC or Transient)
(Referenced to VSS for Control Input and
VEE for Switch I/O)
Vin, Vout
– 0.5 to VDD
+ 0.5
V
Input Current (DC or Transient),
per Control Pin
Iin
±10
mA
Switch Through Current
Isw
±25
mA
Power Dissipation, per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
– 55 to + 125
_C
Storage Temperature Range
Tstg
– 65 to + 150
_C
Lead Temperature (8–Second Soldering)
TL
260
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Package: −7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD for control inputs and VEE ≤ (Vin or Vout)
≤ VDD for Switch I/O.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS, VEE or VDD). Unused outputs must be left open.
MARKING DIAGRAM
SOIC−16
D SUFFIX
CASE 751B
1
16
14551BG
AWLYWW
http://onsemi.com
1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Z1
Z
W
W0
VDD
CONTROL
Y1
Z0
X
X1
X0
W1
VSS
VEE
Y0
Y
PIN ASSIGNMENT


Số phần tương tự - MC14551B_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14551BCP ONSEMI-MC14551BCP Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BCP ONSEMI-MC14551BCP Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BCPG ONSEMI-MC14551BCPG Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
MC14551BD ONSEMI-MC14551BD Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551BD ONSEMI-MC14551BD Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
More results

Mô tả tương tự - MC14551B_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
86Kb / 6P
   Quad 2-channel analog multiplexer / demultiplexer
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com