công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N01S830BAT22E bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện N01S830BAT22E
Giải thích chi tiết về linh kiện  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830BAT22E bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button N01S830BAT22E Datasheet HTML 5Page - ON Semiconductor N01S830BAT22E Datasheet HTML 6Page - ON Semiconductor N01S830BAT22E Datasheet HTML 7Page - ON Semiconductor N01S830BAT22E Datasheet HTML 8Page - ON Semiconductor N01S830BAT22E Datasheet HTML 9Page - ON Semiconductor N01S830BAT22E Datasheet HTML 10Page - ON Semiconductor N01S830BAT22E Datasheet HTML 11Page - ON Semiconductor N01S830BAT22E Datasheet HTML 12Page - ON Semiconductor N01S830BAT22E Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
N01S830HA, N01S830BA
www.onsemi.com
9
Table 5. MODE REGISTER
Bit
Function
0
Hold Function
1 = Hold function disabled
0 = Hold function enabled (Default)
1
Reserved
2
Reserved
3
Reserved
4
Reserved
5
Reserved
6
Operating Mode
Bit 7
Bit 6
0
0 = Word Mode
1
0 = Page Mode
0
1 = Burst Mode (Default)
1
1 = Reserved
7
Power-Up State
The serial SRAM enters a know state at power-up time.
The device is in low-power standby state with CS = 1. A low
level on CS is required to enter a active state.
Battery Back-Up Operation
The Battery Back-Up function is available on the BBU
version of the serial SRAM. This version of the SRAM
cannot operate in the QUAD mode since the SIO3 input is
used for the VBAT connection. A standard coin cell battery
should be connected to the VBAT pin. On chip circuitry
monitors the VCC pin and when it is determined that the main
VCC power supply is turning off, the device automatically
switches the memory array to VBAT power input. When in
battery back-up mode and 3.0 to 3.4 V power supplied to the
VBAT input, memory data is retained in the SRAM array
and all existing interface and operating mode information is
retained.
Figure 15. Battery Back-Up Version Schematics
SO
NC
VSS
VCC
SCK
SI
Coin Cell Battery
3.0 to 3.4 V
VBAT
Serial
SRAM
CS
Table 6. ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Rating
Units
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC + 0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 5.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
−40
°C to 125°C
°C
Ambient Temperature Under Bias
TA
−40
°C to +125°C
°C
Soldering Temperature and Time
TSOLDER
260
°C, 10 sec
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 7. OPERATING CHARACTERISTICS (Industrial (I): TA= −40°C to +85°C, Automotive (E): TA = −40°C to +125°C)
Item
Symbol
Test Conditions
Min
Typ (Note 1)
Max
Units
Supply Voltage
VCC
2.5
5.5
V
Data Retention Voltage
VDR
1.0
V
Input High Voltage
VIH
0.7 VCC
VCC + 0.3
V
Input Low Voltage
VIL
−0.3
0.1 VCC
V
Output High Voltage
VOH
IOH = −0.4 mA
VCC − 0.2
V
Output Low Voltage
VOL
IOL = 1 mA
0.2
V
Input Leakage Current
ILI
CS = VCC, VIN = 0 to VCC
1.0
mA
Output Leakage Current
ILO
CS = VCC, VOUT = 0 to VCC
1.0
mA
Operating Current
ICC
f = 20 MHz, IOUT = 0, SPI / DUAL
10
mA
f = 20 MHz, IOUT = 0, QUAD
20
Standby Current
ISB
CS = VCC, VIN = VSS or VCC, I−Temp
4
10
mA
CS = VCC, VIN = VSS or VCC, E−Temp
20
1. Typical values are measured at VCC = VCC Typ., TA = 25°C and are not 100% tested.


Số phần tương tự - N01S830BAT22E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22IT ONSEMI-N01S830BAT22IT Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
More results

Mô tả tương tự - N01S830BAT22E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com