công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES1869 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện ES1869
Giải thích chi tiết về linh kiện  AudioDrive Solution Product Brief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

ES1869 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  ES1869 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES1869 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES1869 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES1869 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. patents pending.
AudioDrive is a registered trademark of ESS Technology,
Inc.
ESFM is a trademark of ESS Technology, Inc.
Certain audio features of this product manufactured under
a license from Desper Products, Inc., Spatializer and the
circle-in-square device are trademarks owned by Desper
Products, Inc. U. S. Patent numbers #4,308,423,
#4,355,203, #5,412,731.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
4
© 2001 ESS Technology, Inc. All rights reserved.
SAM0113-030601
ES1869 PRODUCT BRIEF
ESS Technology, Inc.
48401 Fremont Blvd.
Fremont, CA 94538
Tel: (510) 492-1088
Fax: (510) 492-1898
ORDERING INFORMATION
Names
Pin Numbers
I/O
Descriptions
RESET
81
I
Active-high reset from the ISA bus.
FSR
82
I
Input with internal pull-down. Frame sync for receive data from external DSP. Programmable for
active-high or active-low.
FSX
83
I
Input with internal pull-down. Frame sync for transmit request from external DSP. Programmable for
active-high or active-low.
DCLK
84
I
Input with internal pull-down. Serial data clock from external DSP. Typically 2.048 MHz.
DR
85
I
Input with internal pull-down. Data receive pin from external DSP.
DX
86
O
Tri-state output. Data transmit to external DSP. High impedance when not transmitting.
MSD
87
I
Input with internal pull-down. Music serial data from external ES689/ES69x wavetable music
synthesizer.
MCLK
88
I
Input with internal pull-down. Music serial clock from external ES689/ES69x wavetable music
synthesizer.
SE
89
I
Input with internal pull-down. Active-high to enable serial mode, (i.e., enables an external DSP to con-
trol analog resources of the ES1869).
RSTB
90
O
Inverted RESET output.
GPDACK
91
O
Active-low DMA acknowledge output to general-purpose device that uses DMA.
GPO1
O
Output that is set high by external reset and thereafter programmable by system software for power
management or other applications.
GPDRQ
92
I
DMA request output from general-purpose device that uses DMA.
GPI
I
General-purpose input option.
GPIRQ
I
Interrupt request output from the general-purpose device.
CDIRQ 0
93
I
Interrupt request input from the IDE interface.
CDCSB0 0
94
O
Active-low IDE interface chip select #0.
CDCSB1 0
95
O
Active-low IDE interface chip select #1.
CDENBL 0
96
O
Active-low IDE data bus transceiver enable.
A[15:12] 1
93:96
I
Address inputs from the ISA bus.
0: Pins enabled by MODE = 0 (pin 60).
1: Pins enabled by MODE = 1 (pin 60).
Table 1 ES1869 Pin Descriptions (Continued)
Part Number
Description
Package
ES1869F
AudioDrive Controller
100-pin PQFP


Số phần tương tự - ES1869

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ESS Technology,Inc
ES1868 ESS-ES1868 Datasheet
362Kb / 4P
   AudioDrive Solution Product Brief
ES1868F ESS-ES1868F Datasheet
362Kb / 4P
   AudioDrive Solution Product Brief
More results

Mô tả tương tự - ES1869

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ESS Technology,Inc
ES1868 ESS-ES1868 Datasheet
362Kb / 4P
   AudioDrive Solution Product Brief
logo
List of Unclassifed Man...
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
   PCI AudioDrive Notebook Solution Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
050_328 GLENAIR-050_328 Datasheet
501Kb / 15P
   PRODUCT BRIEF
050_317 GLENAIR-050_317 Datasheet
497Kb / 15P
   PRODUCT BRIEF
050_316 GLENAIR-050_316 Datasheet
474Kb / 15P
   PRODUCT BRIEF
050_327 GLENAIR-050_327 Datasheet
519Kb / 15P
   PRODUCT BRIEF
050_320 GLENAIR-050_320 Datasheet
487Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com