công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZW04-128B bảng dữ liệu(PDF) 3 Page - MDE Semiconductor, Inc.

tên linh kiện BZW04-128B
Giải thích chi tiết về linh kiện  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MDE [MDE Semiconductor, Inc.]
Trang chủ  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

BZW04-128B bảng dữ liệu(HTML) 3 Page - MDE Semiconductor, Inc.

  BZW04-128B Datasheet HTML 1Page - MDE Semiconductor, Inc. BZW04-128B Datasheet HTML 2Page - MDE Semiconductor, Inc. BZW04-128B Datasheet HTML 3Page - MDE Semiconductor, Inc. BZW04-128B Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11/13/2013
400 Watt TVS
UNI- POLAR
BI-POLAR
BZW 04P5V8
BZW 04P5V8B
5.80
6.45
7.48
10.0
10.5
38.00
900
BZW 04-5V8
BZW 04-5V8B
5.90
6.45
7.14
10.0
10.5
38.00
900
BZW 04P6V4
BZW 04P6V4B
6.40
7.13
8.25
10.0
11.3
35.00
500
BZW 04-6V4
BZW 04-6V4B
6.40
7.13
7.88
10.0
11.3
35.00
500
BZW 04P7V0
BZW 04P7V0B
7.02
7.79
9.02
1.0
12.1
33.00
200
BZW 04-7V0
BZW 04-7V0B
7.02
7.79
8.61
1.0
12.1
33.00
200
BZW 04P7V8
BZW 04P7V8B
7.78
8.65
10.00
1.0
13.4
30.00
50
BZW 04-7V8
BZW 04-7V8B
7.78
8.65
9.55
1.0
13.4
30.00
50
BZW 04P8V5
BZW 04P8V5B
8.55
9.50
11.00
1.0
14.5
28.00
10.0
BZW04-8V5
BZW04-8V5B
8.55
9.50
10.50
1.0
14.5
28.00
10.0
BZW 04P9V4
BZW 04P9V4B
9.40
10.50
12.10
1.0
15.6
25.70
5.0
BZW 04-9V4
BZW 04-9V4B
9.40
10.50
11.60
1.0
15.6
25.70
5.0
BZW 04P10
BZW 04P10B
10.20
11.40
13.20
1.0
16.7
24.00
5.0
BZW 04-10
BZW 04-10B
10.20
11.40
12.60
1.0
16.7
24.00
5.0
BZW 04P11
BZW 04P11B
11.10
12.40
14.30
1.0
18.2
22.00
5.0
BZW 04-11
BZW 04-11B
11.10
12.40
13.70
1.0
18.2
22.00
5.0
BZW 04P13
BZW 04P13B
12.80
14.30
16.50
1.0
21.2
19.00
5.0
BZW 04-13
BZW 04-13B
12.80
14.30
15.80
1.0
21.2
19.00
5.0
BZW 04P14
BZW 04P14B
13.60
15.20
17.60
1.0
22.5
17.80
5.0
BZW 04-14
BZW 04-14B
13.60
15.20
16.80
1.0
22.5
17.80
5.0
BZW 04P15
BZW 04P15B
15.30
17.10
19.80
1.0
25.2
16.00
5.0
BZW 04-15
BZW 04-15B
15.30
17.10
18.90
1.0
25.2
16.00
5.0
BZW 04P17
BZW 04P17B
17.10
19.00
22.00
1.0
27.7
14.50
5.0
BZW 04-17
BZW 04-17B
17.10
19.00
21.00
1.0
27.7
14.50
5.0
BZW 04P19
BZW 04P19B
18.80
20.90
24.20
1.0
30.6
13.00
5.0
BZW 04-19
BZW 04-19B
18.80
20.90
23.10
1.0
30.6
13.00
5.0
BZW 04P20
BZW 04P20B
20.50
22.80
26.40
1.0
33.2
12.00
5.0
BZW 04-20
BZW 04-20B
20.50
22.80
25.20
1.0
33.2
12.00
5.0
BZW 04P23
BZW 04P23B
23.10
25.70
29.70
1.0
37.5
10.70
5.0
BZW 04-23
BZW 04-23B
23.10
25.70
28.40
1.0
37.5
10.70
5.0
BZW 04P26
BZW 04P26B
26.50
28.50
33.00
1.0
41.5
9.60
5.0
BZW 04-26
BZW 04-26B
26.50
28.50
31.50
1.0
41.5
9.60
5.0
BZW 04 P28
BZW 04P28B
28.20
31.40
36.30
1.0
45.7
8.80
5.0
BZW 04-28
BZW 04-28B
28.20
31.40
34.70
1.0
45.7
8.80
5.0
BZW 04P31
BZW 04P31B
30.80
34.20
39.60
1.0
49.9
8.00
5.0
BZW 04-31
BZW 04-31B
30.80
34.20
37.80
1.0
49.9
8.00
5.0
BZW 04P33
BZW 04P33B
33.35
37.10
42.90
1.0
53.9
7.40
5.0
BZW 04-33
BZW 04-33B
33.35
37.10
41.00
1.0
53.9
7.40
5.0
BZW 04P37
BZW 04P37B
36.80
40.90
47.30
1.0
59.3
6.70
5.0
BZW 04-37
BZW 04-37B
36.80
40.90
45.20
1.0
59.3
6.70
5.0
BZW 04P40
BZW 04P40B
40.20
44.70
51.70
1.0
64.8
6.20
5.0
BZW 04-40
BZW 04-40B
40.20
44.70
49.40
1.0
64.8
6.20
5.0
BZW 04P44
BZW 04P44B
43.60
48.50
56.10
1.0
70.1
5.70
5.0
BZW 04-44
BZW 04-44B
43.60
48.50
53.60
1.0
70.1
5.70
5.0
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For Part No. which use the character "p" , the VBR is ±10%
Certified RoHS Compliant
UL File # E223026
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(μA)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
BZW04
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT


Số phần tương tự - BZW04-128B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
BZW04-128B STMICROELECTRONICS-BZW04-128B Datasheet
130Kb / 6P
   TRANSIL
logo
Galaxy Semi-Conductor H...
BZW04-128B BILIN-BZW04-128B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-128B VISHAY-BZW04-128B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04-128B TAYCHIPST-BZW04-128B Datasheet
3Mb / 3P
   Voltage regulator dides
BZW04-128B TAYCHIPST-BZW04-128B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

Mô tả tương tự - BZW04-128B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com