công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD-1021 bảng dữ liệu(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

tên linh kiện PD-1021
Giải thích chi tiết về linh kiện  Stepper Motor with Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Trang chủ  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

PD-1021 bảng dữ liệu(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button PD-1021 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. PD-1021 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PD-1021 V1.2 Hardware Manual (Rev. 1.01 / 2013-JUL-23)
6
www.trinamic.com
3 Mechanical and Electrical Interfacing
The PD-1021 consists of a 28mm / NEMA 11 stepper motor with controller/driver electronics mounted to
the back of the motor.
Note:
In order to make proper use of the integrated sensOstep encoder (the sensor IC is placed on the bottom
of the pcb) the electronics should not be removed/moved relative to the motor. In case this encoder
feature is not used, the electronics may be mounted according to different application requirements.
3.1 Dimensions
Currently, there is a choice between two 28mm stepper motors of different lengths and different torques.
The board with the controller/driver electronics has an overall size of 28mm x 28mm in order to fit on
the back side of a NEMA11 (28mm flange size) stepper motor. The printed circuit board outline is marked
green in the following figure.
Please also refer to the manuals of the related stepper motors QSH2818-32-07-006 and QSH2818-51-07-
012.
3.1.1 Dimensions of PD28-1-1021
28
2
22-0.05
20±1
5
4.5
43 max
15±0.2
28
28
25.5
25.5
2.5
23
26
R 2
ø2.6
R 2.5
Rear view
28
23±0.2
23±0.2 28
Front view
M2.5
deep 4.5
22-0.05
5
30+1
32
Figure 3.1 PD28-1-1021 dimensions


Số phần tương tự - PD-1021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
   Supply Voltage 9 to 24V DC
PD-108-28 TRINAMIC-PD-108-28 Datasheet
257Kb / 1P
   28mm / NEMA11 Stepper Motor with Controller / Driver and Serial Interface
PD-109 TRINAMIC-PD-109 Datasheet
196Kb / 2P
   Schrittmotorsystem: dynamisch & intelligent
PD-109 TRINAMIC-PD-109 Datasheet
186Kb / 2P
   High power stepper motor motion system
PD-109-57 TRINAMIC-PD-109-57 Datasheet
213Kb / 1P
   57mm / NEMA23 Stepper Motor with Controller / Driver and Serial Interface
More results

Mô tả tương tự - PD-1021

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TRINAMIC Motion Control...
PD-1140 TRINAMIC-PD-1140 Datasheet
778Kb / 26P
   Stepper Motor with Controller
PD-1161 TRINAMIC-PD-1161 Datasheet
366Kb / 1P
   Stepper Motor with Controller
PD-1141 TRINAMIC-PD-1141 Datasheet
393Kb / 1P
   Stepper Motor with Controller
PD-1160 TRINAMIC-PD-1160 Datasheet
424Kb / 1P
   Stepper Motor with Controller
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com