![]() |
công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SD-1210TB bảng dữ liệu(PDF) 1 Page - Copal Electronics |
|
SD-1210TB bảng dữ liệu(HTML) 1 Page - Copal Electronics |
1 / 8 page ![]() ■ FEATURES O RoHS compliant O Fine click with metallic spring O Low profile of 3.9 mm makes perfect for high density board mounting applications O Gold plated contact provides excellent reliability O Cross and minus slot are available O Terminal pin arrangement 3-3 Part name ① ⑥ ⑦ ⑤ ③ ④ ② Insert rotor Metallic spring Base Housing Contact “O” ring Terminal pin Material Flammability UL94V-0 — UL94V-0 UL94HB UL94V-0 — Polyphenylenesulphide Silicone rubber Polyphenylenesulphide Copper alloy, Gold-plated Rotor : Polyamide Pattern : Copper alloy, Gold-plated Stainless (SUS 301) ■ PART NUMBER DESIGNATION INTERNAL STRUCTURE SD-1000 / 2000 series S D - 1 0 1 0 T B Series name コード Code format 1:Real code (Rotor color Yellow) 3:Complementary code (Rotor color Red) Shape of rotor 0:Without knob (Minus slot) 1:With knob (with extended shaft) 2:Without knob (Cross slot) Shape of terminal Setting position B:Gull wing (Top setting type only) Blank : Through hole pin (Snap-in terminal pin) Form of packaging T:Taping (Gull wing type only) W:Tray packaging Blank:Plastic bag 0:Top setting 1:Side setting ※ Please refer to the LIST OF PART NUMBERS when placing orders. No. of positions 1:16 positions 2:10 positions SD-1000/2000 ① ③ ⑥ ⑤ ⑦ ② ④ ROTARY CODED SWITCHES RoHS compliant |
Số phần tương tự - SD-1210TB |
|
Mô tả tương tự - SD-1210TB |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |