công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8325IDGKT bảng dữ liệu(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
tên linh kiện ADS8325IDGKT
Giải thích chi tiết về linh kiện  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8325IDGKT bảng dữ liệu(HTML) 4 Page - Burr-Brown (TI)

  ADS8325IDGKT Datasheet HTML 1Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 2Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 3Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 4Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 5Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 6Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 7Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 8Page - Burr-Brown (TI) ADS8325IDGKT Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS8325
4
SBAS226A
www.ti.com
ELECTRICAL CHARACTERISTICS: VDD = +2.7V
Over recommended operating free-air temperature at –40
°C to +85°C, V
REF = +2.5V, –IN = GND, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise noted.
ADS8325I
ADS8325IB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Full-Scale Range
FSR
+IN – (–IN)
0
VREF
✻✻
V
Operating Common-Mode Signal
–0.3
0.5
✻✻
V
Input Resistance
–IN = GND
5
G
Input Capacitance
–IN = GND, During Sampling
45
pF
Input Leakage Current
–IN = GND
±50
nA
Differential Input Capacitance
+IN to –IN, During Sampling
20
pF
Full-Power Bandwith
FSBW
fS Sinewave, SINAD at –3dB
4
kHz
DC ACCURACY
Resolution
16
Bits
No Missing Code
NMC
14
15
Bits
Integral Linearity Error
INL
±3
±6
±1.5
±4LSB
Offset Error
VOS
±0.75
±1.5
±0.5
±1mV
Offset Error Drift
TCVOS
±3
ppm/
°C
Gain Error
GERR
±33
±16
LSB
Gain Error Drift
TCGERR
±0.3
ppm/
°C
Noise
20
µVRMS
Power-Supply Rejection
2.7V
≤ V
DD ≤ 3.6V
7
LSB
SAMPLING DYNAMICS
Conversion Time
tCONV
24kHz < fCLK ≤ 2.4MHz
6.667
666.7
µs
Acquisition Time
tAQ
fCLK = 2.4MHz
1.875
µs
Throughout Rate
100
kSPS
Clock Frequency
0.024
2.4
MHz
AC ACCURACY
Total Harmonic Distortion
THD
2.5Vp-p Sinewave, at 1kHz
–94
dB
Spurious-Free Dynamic Range
SFDR
2.5Vp-p Sinewave, at 1kHz
–96
dB
Signal-to-Noise Ratio
SNR
–85
–86
dB
Signal-to-Noise + Distortion
SINAD
2.5Vp-p Sinewave, at 1kHz
–85
–85.5
dB
Effective Number of Bits
ENOB
13.8
13.9
Bits
VOLTAGE REFERENCE INPUT
Reference Voltage
2.5
VDD + 0.3
✻✻
V
Reference Input Resistance
CS = GND, fSAMPLE = 0Hz
5
k
CS = VDD
5
G
Reference Input Capacitance
20
pF
Reference Input Current
0.5
0.75
✻✻
mA
CS = VDD
0.1
µA
DIGITAL INPUTS(1)
Logic Family
LVCMOS
High-Level Input Voltage
VIH
VDD = 3.6V
2
VDD + 0.3
✻✻
V
Low-Level Input Voltage
VIL
VDD = 2.7V
–0.3
0.8
✻✻
V
Input Current
IIN
VI = VDD or GND
±50
✻✻
nA
Input Capacitance
CI
5
pF
DIGITAL OUTPUTS(1)
Logic Family
LVCMOS
High-Level Output Voltage
VOH
VDD = 2.7V, IOH = –100µA
VDD – 0.2
V
Low-Level Output Voltage
VOL
VDD = 2.7V, IOL = 100µA
0.2
V
High-Impedance-State Output Current
IOZ
CS = VDD, VI = VDD or GND
±50
✻✻
nA
Output Capacitance
CO
5
pF
Load Capacitance
CL
30
pF
Data Format
Straight Binary
✻ indicates the same specifications as the ADS8325I.
NOTE: (1) Applies for 3.0V nominal supply: VDD (min) = 2.7V and VDD (max) = 3.6V.


Số phần tương tự - ADS8325IDGKT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325IDGKT TI1-ADS8325IDGKT Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325IDGKTG4 TI1-ADS8325IDGKTG4 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Mô tả tương tự - ADS8325IDGKT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8326 BURR-BROWN-ADS8326 Datasheet
711Kb / 31P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com