công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5553CRM bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện AD5553CRM
Giải thích chi tiết về linh kiện  Current Output/ Serial Input, 16-/14-Bit DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5553CRM bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button AD5553CRM Datasheet HTML 3Page - Analog Devices AD5553CRM Datasheet HTML 4Page - Analog Devices AD5553CRM Datasheet HTML 5Page - Analog Devices AD5553CRM Datasheet HTML 6Page - Analog Devices AD5553CRM Datasheet HTML 7Page - Analog Devices AD5553CRM Datasheet HTML 8Page - Analog Devices AD5553CRM Datasheet HTML 9Page - Analog Devices AD5553CRM Datasheet HTML 10Page - Analog Devices AD5553CRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. A
AD5543/AD5553
–7–
CIRCUIT OPERATION
The AD5543/AD5553 contains a 16-/14-bit, current output,
digital-to-analog converter, a serial input register, and a DAC
register. Both converters use a 3-wire serial data interface.
D/A Converter Section
The DAC architecture uses a current steering R-2R ladder
design. Figure 4 shows the typical equivalent DAC structure.
The DAC contains a matching feedback resistor for use with an
external op amp, (see Figure 5). With RFB and IOUT terminals
connected to the op amp output and inverting node respec-
tively, a precision voltage output can be achieved as:
VV
D
AD
OUT
REF
–/
,
(
)
65 536
5543
(1)
VV
D
AD
OUT
REF
–/
,
(
)
16 384
5553
(2)
Note that the output voltage polarity is opposite to the VREF
polarity for dc reference voltages.
These DACs are designed to operate with either negative or
positive reference voltages. The VDD power pin is only used by
the internal logic to drive the DAC switches’ ON and OFF states.
VREF
VDD
RFB
IOUT
RR
R
GND
2R
2R
2R
R
5k
S1
S2
DIGITAL INTERFACE CONNECTIONS OMITTED FOR CLARITY;
SWITCHES S1 AND S2 ARE CLOSED, VDD MUST BE POWERED
Figure 4. Equivalent R-2R DAC Circuit
Note that a matching switch is used in series with the internal 5 k
feedback resistor. If users attempt to measure RFB, power must be
applied to VDD to achieve continuity.
VDD
VREF
VREF
VDD
U2
U1
AD5543/AD5553
–5V
VO
GND
IOUT
V+
V–
RFB
AD8628
Figure 5. Voltage Output Configuration
These DACs are also designed to accommodate ac reference
input signals. The AD5543 accommodates input reference
voltages in the range of –12 V to +12 V. The reference voltage
inputs exhibit a constant nominal input resistance value of 5 k
Ω,
±30%. The DAC output (I
OUT) is code-dependent, producing
various resistances and capacitances. External amplifier choice
should take into account the variation in impedance generated
by the AD5543 on the amplifier’s inverting input node. The
feedback resistance, in parallel with the DAC ladder resistance,
dominates output voltage noise. To maintain good analog perfor-
mance, power supply bypassing of 0.01
µF to 0.1 µF ceramic or
chip capacitors in parallel with a 1
µF tantalum capacitor is recom-
mended. Due to degradation of power supply rejection ratio in
frequency, users must avoid using switching power supplies.
SERIAL DATA INTERFACE
The AD5543/AD5553 uses a 3-wire (
CS, SDI, CLK) serial
data interface. New serial data is clocked into the serial input
register in a 16-bit data-word format for AD5543. The MSB is
loaded first. Table II defines the 16 data-word bits. Data is
placed on the SDI pin and clocked into the register on the positive
clock edge of CLK, subject to the data setup and hold time
requirements specified in the interface timing specifications.
Only the last 16 bits clocked into the serial register are inter-
rogated when the
CS pin is strobed to transfer the serial register
data to the DAC register. Since most microcontrollers output
serial data in 8-bit bytes, two data bytes can be written to the
AD5543/AD5553. After loading the serial register, the rising edge
of
CS transfers the serial register data to the DAC register;
during this strobe, the CLK should not be toggled. For the
AD5553, with 16-bit clock cycles, the two LSBs are ignored.
ESD Protection Circuits
All logic-input pins contain back-biased ESD protection Zener
diodes connected to ground (GND) and VDD as shown in Figure 6.
VDD
DIGITAL
INPUTS
5k
DGND
Figure 6. Equivalent ESD Protection Circuits
PCB Layout and Power Supply Bypassing
It is a good practice to employ compact, minimum lead length
PCB layout design. The leads to the input should be as short as
possible to minimize IR drop and stray inductance.
It is also essential to bypass the power supplies with quality
capacitors for optimum stability. Supply leads to the device should
be bypassed with 0.01
µF to 0.1 µF disc or chip ceramic capaci-
tors. Low-ESR 1
µF to 10 µF tantalum or electrolytic capacitors
should also be applied at the supplies to minimize transient
disturbance and filter out low frequency ripple
The PCB metal traces between VREF and RFB should also be
matched to minimize gain error.


Số phần tương tự - AD5553CRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5553CRM AD-AD5553CRM Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553CRM-REEL7 AD-AD5553CRM-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553CRMZ AD-AD5553CRMZ Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553CRMZ-REEL7 AD-AD5553CRMZ-REEL7 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
More results

Mô tả tương tự - AD5553CRM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849 AD-AD7849_15 Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD7849AN AD-AD7849AN Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD7849AR AD-AD7849AR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD7849 AD-AD7849 Datasheet
212Kb / 15P
   Serial Input, 14-Bit/16-Bit DAC
REV. B
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com