công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BY251 bảng dữ liệu(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
|
BY251 bảng dữ liệu(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd |
2 / 4 page Technical Data Green Products Data Sheet N0552, Rev. A • China - Germany - Korea - Singapore - United States • • http://www.smc-diodes.com - sales@ smc-diodes.com • BY251-BY255 MARKING DIAGRAM BY251 = Part Name Cautions:Molding resin Epoxy resin UL:94V-0 ORDERING INFORMATION Device Package Shipping BY251-BY255 DO-201AD (Pb-Free) 1250pcs / tape For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification. MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz, resistive or inductive load, for capacitive load current derate by 20%. Characteristic Symbol BY251 BY252 BY253 BY254 BY255 Unit Maximum repetitive peak reverse voltage Maximum DC blocking voltage VRRM VDC 200 400 600 800 1300 V Maximum RMS voltage VRMS 140 280 420 560 910 V Maximum average forward rectified current 0.375”(9.5mm) lead length at @TA = 75°C I(AV) 3.0 A Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 150 A Maximum instantaneous forward voltage at 3.0A VF 1.1 V Maximum DC reverse current @TA = 25°C At Rated DC Blocking Voltage @TA = 100°C IR 10.0 500 µA Typical Junction Capacitance (Note 1) CJ 30.0 pF Typical Thermal Resistance (Note 2) RθJA 20.0 °C/W Operating junction and storage temperature range TJ, TSTG -65 to +175 °C Note: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length, P.C.B. mounted |
Số phần tương tự - BY251 |
|
Mô tả tương tự - BY251 |