công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU21026MUV-E2 bảng dữ liệu(PDF) 6 Page - Rohm

tên linh kiện BU21026MUV-E2
Giải thích chi tiết về linh kiện  4-wire Resistive Touch Screen Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU21026MUV-E2 bảng dữ liệu(HTML) 6 Page - Rohm

Back Button BU21026MUV-E2 Datasheet HTML 2Page - Rohm BU21026MUV-E2 Datasheet HTML 3Page - Rohm BU21026MUV-E2 Datasheet HTML 4Page - Rohm BU21026MUV-E2 Datasheet HTML 5Page - Rohm BU21026MUV-E2 Datasheet HTML 6Page - Rohm BU21026MUV-E2 Datasheet HTML 7Page - Rohm BU21026MUV-E2 Datasheet HTML 8Page - Rohm BU21026MUV-E2 Datasheet HTML 9Page - Rohm BU21026MUV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/19
TSZ02201-0L5L0FF00890-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
4.Aug.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU21026MUV
Absolute Maximum Ratings
PARAMETER
SYMBOL
RATING
UNIT
Power supply voltage
VDD
-0.3 to 4.5
V
Input voltage
VIN
-0.3 to VDD+0.3
V
Storage temperature range
Tstg
-50 to 125
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Thermal Resistance
(Note 1)
PARAMETER
SYMBOL
Thermal Resistance (Typ)
UNIT
1s
(Note 3)
2s2p
(Note 4)
VQFN020V4040
Junction to Ambient
θJA
153.9
37.4
°C/W
Junction to Top Characterization Parameter
(Note 2)
ΨJT
13
7
°C/W
(Note 1)Based on JESD51-2A(Still-Air)
(Note 2)The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside
surface of the component package.
(Note 3)Using a PCB board based on JESD51-3.
Layer Number of
Measurement Board
Material
Board Size
Single
FR-4
114.3mm x 76.2mm x 1.57mmt
Top
Copper Pattern
Thickness
Footprints and Traces
70μm
(Note 4)Using a PCB board based on JESD51-5, 7.
Layer Number of
Measurement Board
Material
Board Size
Thermal Via(Note 5)
Pitch
Diameter
4 Layers
FR-4
114.3mm x 76.2mm x 1.6mmt
1.20mm
Φ0.30mm
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70μm
74.2mm x 74.2mm
35μm
74.2mm x 74.2mm
70μm
(Note 5) This thermal via connects with the copper pattern of all layers..
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power supply voltage
VDD
1.65
3.00
3.60
V
Operating temperature range
Tj
-30
25
85
Electrical Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITION
Low-level input voltage
VIL
-0.3
-
0.3xVDD
V
High-level input voltage
VIH
0.7xVDD
-
VDD+0.3
V
Low-level output voltage
VOL
0
-
0.2
V
IL = 3.6mA
High-level output voltage
VOH
VDD-0.2
-
VDD
V
IL = -3.6mA
A/D converter resolution
AD
-
-
12
Bits
Programmable 8/12 bits
Differential non-linearity error
DNL
-3.5
-
3.5
LSB
Integral non-linearity error
INL
-5
-
5
LSB
Internal clock frequency
Freq
2.6
4.0
5.1
MHz
Active current
Idd
-
120
450
uA
8.2kSPS (operation )
Standby current
Ist
-
-
0.8
uA
After reset releasing
(Unless otherwise specified Tj=25[℃], VDD=3.00[V], GND=0.00[V])


Số phần tương tự - BU21026MUV-E2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21021GUL-E2 ROHM-BU21021GUL-E2 Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Mô tả tương tự - BU21026MUV-E2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com