công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU2396KN-E2 bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BU2396KN-E2
Giải thích chi tiết về linh kiện  3ch Clock Generator for Digital Cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU2396KN-E2 bảng dữ liệu(HTML) 1 Page - Rohm

  BU2396KN-E2 Datasheet HTML 1Page - Rohm BU2396KN-E2 Datasheet HTML 2Page - Rohm BU2396KN-E2 Datasheet HTML 3Page - Rohm BU2396KN-E2 Datasheet HTML 4Page - Rohm BU2396KN-E2 Datasheet HTML 5Page - Rohm BU2396KN-E2 Datasheet HTML 6Page - Rohm BU2396KN-E2 Datasheet HTML 7Page - Rohm BU2396KN-E2 Datasheet HTML 8Page - Rohm BU2396KN-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/20
TSZ02201-0E3E0J500710-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
04.Nov.2015 Rev.001
3ch Clock Generator for Digital Cameras
BU2396KN
General Description
This clock generator IC is produces three types of
clocks for CCD, USB, and VIDEO. These clocks are
necessary for digital still camera systems and digital
video camera systems. These are contained in a
single chip with the use of the PLL technology.
Generating these clocks with a single chip allows for
simplified design of the clock system. It occupies less
space and reduced number of components used for
mobile camera equipment which is increasingly being
downsized and becoming less costly.
Features
Connecting a crystal oscillator generates multiple
clock signals with a built-in PLL.
The CCD clock provides switching selection
outputs.
Providing the output of Low Period-Jitter Clock.
Uses compact package VQFN20 which makes it
suitable for mobile devices.
Single power supply of 3.3V
Applications
Clock generator used in digital still camera and digital
video camera systems
Key Specifications
BU2396KN
Supply Voltage Range
3.0V to 3.6V
Operating Temperature Range
-5°C to +70°C
Reference Input Clock
12.000000MHz
Output CCD Clock
36.000000MHz
30.000000MHz
24.000000MHz
Output USB Clock
12.000000MHz
Output VIDEO Clock
27.000000MHz
Package
W(Typ) x D(Typ) x H(Max)
VQFN20
4.20mm x 4.20mm x 0.95mm
Typical Application Circuit
(Note) We believe that this circuit is to be recommended. However, to use it, make further thorough check for the characteristics.
for CCD
36.000000MHz
30.000000MHz
24.000000MHz
for Video
27.000000MHz
for USB
12.000000MHz
R
0.1uF
0.1uF
0.1uF
BU2396KN
VQFN-20
1:AVDD
2:AVDD
3:AVSS
4:XIN
5:XOUT
15:VDD1
14:VDD1
13:VSS1
12:VCLK_EN
11:TGCLK
0.1µF
0.1µF
0.1µF
Datasheet
Datasheet


Số phần tương tự - BU2396KN-E2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2396KN ROHM-BU2396KN Datasheet
275Kb / 6P
   Clock Generator
BU2396KN ROHM-BU2396KN Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
More results

Mô tả tương tự - BU2396KN-E2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com