công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU2394KN bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện BU2394KN
Giải thích chi tiết về linh kiện  3ch Clock Generator for Digital Cameras
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU2394KN bảng dữ liệu(HTML) 4 Page - Rohm

  BU2394KN Datasheet HTML 1Page - Rohm BU2394KN Datasheet HTML 2Page - Rohm BU2394KN Datasheet HTML 3Page - Rohm BU2394KN Datasheet HTML 4Page - Rohm BU2394KN Datasheet HTML 5Page - Rohm BU2394KN Datasheet HTML 6Page - Rohm BU2394KN Datasheet HTML 7Page - Rohm BU2394KN Datasheet HTML 8Page - Rohm BU2394KN Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BU2394KN
4/21
TSZ02201-0E3E0J500700-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
04.Nov.2015 Rev.001
Electrical Characteristics
(VDD=3.3V, Ta=25°C, unless otherwise specified.)
When XTAL_SEL=H crystal frequency is 28.636363 MHz. At XTAL_SEL=L, crystal frequency is 14.318182 MHz
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Circuit Current
IDD
-
45
60
mA
At no load
【Output H Voltage】
CLK1
VOH1
VDD-0.5
VDD-0.2
-
V
When current load = -9.0mA
CLK2
VOH2
VDD-0.5
VDD-0.2
-
V
When current load = -7.0mA
REF_CLK
VOHR
VDD-0.5
VDD-0.2
-
V
When current load = -4.5mA
【Output L Voltage】
CLK1
VOL1
-
0.2
0.5
V
When current load =11mA
CLK2
VOL2
-
0.2
0.5
V
When current load =9.0mA
REF_CLK
VOLR
-
0.2
0.5
V
When current load =5.5mA
【Pull-Up Resistance Value】
FS1, FS2, FS3,
CLK2ON, XTAL_SEL
Pull-Up
R
125
250
375
Ω
Monitor pin = 0V (R=VDD/I)
【Output Frequency】
CLK1 FS2:H FS3:H
fCLK1-1
-
135.000000
-
MHz
XTAL x (1188/63)/2
CLK1 FS2:H FS3:L
fCLK1-2
-
108.000000
-
MHz
XTAL x (1056/70)/2
CLK1 FS2:L FS3:L
fCLK1-3
-
98.181818
-
MHz
XTAL x (864/63)/2
CLK1 FS2:L FS3:H
fCLK1-4
-
110.000000
-
MHz
XTAL x (968/63)/2
CLK2
fCLK2-2
-
48.008022
-
MHz
XTAL x (228/17)/4
REF_CLK FS1:H
fREF1-1
-
14.318182
-
MHz
XTAL Output
REF_CLK FS1:L
fREF1-2
-
17.734450
-
MHz
XTAL x (706/57)/10
【Output Waveform】
Duty1
100MHz or Less
Duty1
45
50
55
Measured at a voltage of 1/2
of VDD
Duty2
100MHz or More
Duty2
-
50
-
Measured at a voltage of 1/2
of VDD
Rise Time
tR
-
2.5
-
nsec
Period of transition time
required for the output to
reach 80% from 20% of VDD.
Fall Time
tF
-
2.5
-
nsec
Period of transition time
required for the output to
reach 20% from 80% of VDD.
【Jitter】
Period-Jitter 1
σ
P-J1
σ
-
30
-
psec
(Note 1)
Period-Jitter MIN-MAX
P-J
MIN-MAX
-
180
-
psec
(Note 2)
【Output Lock-Time】
tLOCK
-
1
msec
(Note 3)
(Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN. If the input frequency is set to values
shown below, the output frequency will be as listed above.
When XTAL_SEL is set to H, the input frequency on XTALIN will be 28.636363 MHz.
When XTAL_SEL is set to L, the input frequency on XTALIN will be 14.318182 MHz.
(Note 1) Period-
Jitter 1σ
This parameter represents standard deviation (
=1σ) on cycle distribution data at the time when the output clock cycles are sampled 1000 times consecutively
with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 2) Period-Jitter
MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles are sampled 1000 times
consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 3) Output Lock-Time
The Lock-Time represents the elapsed time after power supply turns ON to reach a 3.0V voltage, after the system is switched from Power-Down state to
normal operation state, or after the output frequency is switched until it is stabilized at a specified frequency, respectively.


Số phần tương tự - BU2394KN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2394KN ROHM-BU2394KN Datasheet
278Kb / 6P
   Clock Generator
BU2394KN ROHM-BU2394KN Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
More results

Mô tả tương tự - BU2394KN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU7331EKN-E2 ROHM-BU7331EKN-E2 Datasheet
572Kb / 21P
   3ch Programmable Clock Generator
BU3071HFV ROHM-BU3071HFV_08 Datasheet
838Kb / 21P
   Compact 1ch Clock Generators for Digital Cameras
BU7344HFV ROHM-BU7344HFV Datasheet
477Kb / 14P
   Compact 1ch Clock Generators for Digital Cameras
logo
List of Unclassifed Man...
BU2382FV ETC2-BU2382FV Datasheet
70Kb / 2P
   Clock generator for digital still camera
logo
Texas Instruments
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Signal Processor with Timing Generator for Digital Cameras
VSP2267 TI-VSP2267 Datasheet
1Mb / 88P
[Old version datasheet]   CCD Singnal Processor with Timing Generator for Digital cameras
logo
Rohm
BU2385KN ROHM-BU2385KN Datasheet
59Kb / 5P
   Clock generator for digital still camera
BU2382FV ROHM-BU2382FV Datasheet
60Kb / 7P
   Clock generator for digital still camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com