công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU2363FV bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện BU2363FV
Giải thích chi tiết về linh kiện  Clock Generator for Audio/Video Equipment
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU2363FV bảng dữ liệu(HTML) 4 Page - Rohm

  BU2363FV Datasheet HTML 1Page - Rohm BU2363FV Datasheet HTML 2Page - Rohm BU2363FV Datasheet HTML 3Page - Rohm BU2363FV Datasheet HTML 4Page - Rohm BU2363FV Datasheet HTML 5Page - Rohm BU2363FV Datasheet HTML 6Page - Rohm BU2363FV Datasheet HTML 7Page - Rohm BU2363FV Datasheet HTML 8Page - Rohm BU2363FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
BU2363FV
4/19
TSZ02201-0E3E0J500690-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
04.Nov.2015 Rev.001
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
(VDD=3.3V, Ta=25°C, Crystal frequency 36.8640MHz, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Output L Voltage
VOL
0.4
V
IOL=4.0mA
Output H Voltage
VOH
2.4
V
IOH=-4.0mA
Consumption Current
IDD
30
50
mA
At no load
CLK54M
CLK54M
54.0000
MHz
XTAL x 375 / 64 / 4
CLK27M
CLK27M
27.0000
MHz
XTAL x 375 / 64 / 8
CLK33M
CLK33M
33.8688
MHz
XTAL x 147 / 40 / 4
CLK16M
CLK16M
16.9344
MHz
XTAL x 147 / 40 / 8
CLK768FS1
CLK768_H
36.8640
MHz
At FSEL=OPEN,
XTAL output
CLK768_L
33.8688
MHz
At FSEL=L,
XTAL x 147 / 40 / 4
CLK384FS2
CLK384_H
18.4320
MHz
At FSEL=OPEN,
XTAL / 2 output
CLK384_L
16.9344
MHz
At FSEL=L,
XTAL x 147 / 40 / 8
Duty
Duty
45
50
55
%
Measured at a voltage of 1/2 VDD
Period-Jitter 1
σ
P-J 1
σ
50
psec
(Note 1)
Period-Jitter
MIN-MAX
P-J
MIN-MAX
300
psec
(Note 2)
Rise Time
tR
2.5
nsec
Period of transition time required for
the clock output to reach 80% from
20% of VDD
Fall Time
tF
2.5
nsec
Period of transition time required for
the clock output to reach 20% from
80% of VDD
Output Lock-Time
tLOCK
1
msec
(Note 3)
C/N 54M
C/N 54M
-65
-80
dB
(Note 4)
(At a maximum load)
C/N 33M
C/N 33M
-50
-60
dB
(Note 4)
(At a maximum load)
(Note) The output frequency is determined by the arithmetic (frequency division) expression of a frequency input to XTALIN.
If the input frequency is set to 36.8640MHz, the output frequency will be as listed above.
(Note 1) Period-
Jitter 1σ
This parameter represents standard deviation (
1 ) on cycle distribution data at the time when the output clock cycles are sampled 1000 times
consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 2) Period-Jitter
MIN-MAX
This parameter represents a maximum distribution width on cycle distribution data at the time when the output clock cycles are sampled 1000 times
consecutively with the TDS7104 Digital Phosphor Oscilloscope of Tektronix Japan, Ltd.
(Note 3) Output Lock-Time
The Lock-Time represents elapsed time after power supply turns ON to reach a 3.0V voltage, after the system is switched from Power-Down state to
normal operation state, or after the output frequency is switched, until it is stabilized at a specified frequency, respectively.
(Note 4) Make measurements with settings of SPAN to 100kHz, RBW to 1kHz, and VBW to 100Hz taking the middle point between (54.0000MHz±20kHz) and
(33.8688MHz±20kHz) as a measurement point.


Số phần tương tự - BU2363FV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2363FV ROHM-BU2363FV Datasheet
395Kb / 6P
   Clock Generator
BU2363FV ROHM-BU2363FV Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
BU2363FVFV-E2 ROHM-BU2363FVFV-E2 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
More results

Mô tả tương tự - BU2363FV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
   Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
   Clock Generator for Audio/Video Equipment
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
   Clock Generator for Audio/Video Equipment
BU2285FV ROHM-BU2285FV_08 Datasheet
676Kb / 17P
   DVD-Audio Reference Clock Generator for Audio/Video Appliance
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
   DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Texas Instruments
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Rohm
BU2365FV ROHM-BU2365FV_08 Datasheet
736Kb / 17P
   Clock Generator with Built-in VCXO for Audio/Video Equipments
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com