công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU1S12S1AG-TR bảng dữ liệu(PDF) 4 Page - Rohm

tên linh kiện BU1S12S1AG-TR
Giải thích chi tiết về linh kiện  Successive Approximation A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU1S12S1AG-TR bảng dữ liệu(HTML) 4 Page - Rohm

  BU1S12S1AG-TR Datasheet HTML 1Page - Rohm BU1S12S1AG-TR Datasheet HTML 2Page - Rohm BU1S12S1AG-TR Datasheet HTML 3Page - Rohm BU1S12S1AG-TR Datasheet HTML 4Page - Rohm BU1S12S1AG-TR Datasheet HTML 5Page - Rohm BU1S12S1AG-TR Datasheet HTML 6Page - Rohm BU1S12S1AG-TR Datasheet HTML 7Page - Rohm BU1S12S1AG-TR Datasheet HTML 8Page - Rohm BU1S12S1AG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BU1S12S1AG-LB
4/16
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0GSG0GZ10180-1-2
04.Jul.2016 Rev.001
Electrical Characteristics
Unless otherwise specified, Ta=-40°C to +105°C (typical: Ta=25°C), VA=2.7 to 5.25V, fSCLK=20MHz, fS=1MSPS
Parameter
Symbol
Limits
Unit
Condition
Min
Typ
Max
Statistic Converter Characteristics
Resolution with No missing codes
Integral Non-Linearity
Differential Non-Linearity
Offset Error
Gain Error
RES
INL
DNL
OE
GE
-
-1.1
-0.9
-1.2
-1.2
12
-
-
±0.2
±0.3
-
+1.0
+1.0
+1.2
+1.2
bit
LSB
LSB
LSB
LSB
VA=2.7 to 3.6V
VA=2.7 to 3.6V
VA=2.7 to 3.6V
VA=2.7 to 3.6V
VA=2.7 to 3.6V
Dynamic Converter Characteristics
Signal-to-Noise and Distortion Ratio
Signal-to-Noise-Ratio
Total Harmonic Distortion
Spurious-Free Dynamic Range
Effective Number of Bits
Inter-modulation Distortion 1,
(Second Order Term)
Inter-modulation Distortion 2,
(Third Order term)
Full Power Band Width 1
Full Power Band Width 2
Aperture Delay
Aperture Jitter
SINAD
SNR
THD
SFDR
ENOB
IMD1
IMD2
FPBW1
FPBW2
tAD
tAJ
70
68
70.8
68.8
-
-
11.3
11.0
-
-
-
-
-
-
71
70
71.5
71
-80
82
11.5
11.3
-78
-76
10.1
7.2
4.3
30
-
-
-
-
-
-
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
bit
bit
dB
dB
MHz
MHz
ns
ps
fIN=100kHz,
VIN=-0.02dBFS
VA=2.7 to 3.6V
VA=4.75 to 5.25V
VA=2.7 to 3.6V
VA=4.75 to 5.25V
VA=2.7 to 3.6V
VA=2.7 to 3.6V
VA=2.7 to 3.6V
VA=4.75 to 5.25V
VA=5.25V
103.5kHz, 113.5kHz
VA=5.25V
103.5kHz, 113.5kHz
VA=5V
VA=3V
VA=5V
VA=5V
Clock Frequency
Sampling Rate
Track/Hold Acquisition Time
fSCLK
fS
tACQ
10
500k
-
-
-
-
20
1M
350
MHz
SPS
ns
Analog Input Characteristics
Input Voltage Range
Input DC Leakage Current
Input Capacitance
VIN
ILEAK
CINA
0
-1
-
-
-
±0.1
28
4
VA
+1
-
-
V
µA
pF
pF
VIN=0V or VA
Track mode, VA=5V
Hold mode, VA=5V
Digital Input Characteristics
High Input Voltage
Low Input Voltage
Input Current
Input Capacitance
VIH
VIH
VIL
VIL
IIND
CIND
2.4
2.1
-
-
-1
-
-
-
-
-
±0.1
2.5
-
-
0.8
0.4
+1
4
V
V
V
V
µA
pF
VA=5.25V
VA=3.6V
VA=5V
VA=3V
VIND=0V or VA
Digital Output Characteristics
Output High Voltage
Output Low Voltage
High-Z Leakage Current
High-Z Output Capacitance
VOH
VOH
VO
VO
IOZ
COUT
VA-0.2
-
-
-
-10
-
VA-0.03
VA-0.1
0.02
0.1
±0.1
2
-
-
0.4
-
+10
4
V
V
V
V
µA
pF
Isource=200µA
Isource=1mA
Isink=200µA
Isink=1mA
VOZ=0V or VA
Power Supply Characteristics
Supply Voltage
Operational Current Consumption
VA
IA
2.7
-
-
-
-
1.6
0.5
5.25
2.8
1.2
V
mA
mA
VA=5.25V, fS=1MSPS
VA=3.6V, fS=1MSPS


Số phần tương tự - BU1S12S1AG-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Frontier Electronics.
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F FRONTIER-BU10-005F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01 FRONTIER-BU10-01 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01F FRONTIER-BU10-01F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-02 FRONTIER-BU10-02 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Mô tả tương tự - BU1S12S1AG-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
   Successive Approximation A/D Converter
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
   12-Bit Successive Approximation High Acquisition A/D Converter
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
ADADC80 AD-ADADC80 Datasheet
475Kb / 6P
   12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com