công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMP05ART-REEL7 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
TMP05ART-REEL7 bảng dữ liệu(HTML) 4 Page - Analog Devices |
4 / 28 page TMP05/TMP06 Rev. 0 | Page 4 of 28 Parameter Min Typ Max Unit Test Conditions/Comments TMP05 OUTPUT (PUSH-PULL)3 Output High Voltage, VOH VDD − 0.3 V IOH = 800 µA Output Low Voltage, VOL 0.4 V IOL = 800 µA Output High Current, IOUT4 2 mA Typ VOH = 3.17 V with VDD = 3.3 V Pin Capacitance 10 pF Rise Time,5 tLH 50 ns Fall Time,5 tHL 50 ns RON Resistance (Low Output) 55 Ω Supply and temperature dependent TMP06 OUTPUT (OPEN DRAIN)3 Output Low Voltage, VOL 0.4 V IOL = 1.6 mA Output Low Voltage, VOL 1.2 V IOL = 5.0 mA Pin Capacitance 10 pF High Output Leakage Current, IOH 0.1 5 µA PWMOUT = 5.5 V Device Turn-On Time 20 ms Fall Time,6 tHL 30 ns RON Resistance (Low Output) 55 Ω Supply and temperature dependent DIGITAL INPUTS3 Input Current ±1 µA VIN = 0 V to VDD Input Low Voltage, VIL 0.3 × VDD V Input High Voltage, VIH 0.7 × VDD V Pin Capacitance 3 10 pF 1 It is not recommended to operate the device at temperatures above 125°C for more than a total of 5% (5,000 hours) of the lifetime of the device. Any exposure beyond this limit affects device reliability. 2 Normal mode current relates to current during TL. TMP05/TMP06 are not converting during TH, so quiescent current relates to current during TH. 3 Guaranteed by design and characterization, not production tested. 4 It is advisable to restrict the current being pulled from the TMP05 output, because any excess currents going through the die cause self-heating. As a consequence, false temperature readings can occur. 5 Test load circuit is 100 pF to GND. 6 Test load circuit is 100 pF to GND, 10 kΩ to 5.5 V. |
Số phần tương tự - TMP05ART-REEL7 |
|
Mô tả tương tự - TMP05ART-REEL7 |