công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP5335K1-G bảng dữ liệu(PDF) 3 Page - Supertex, Inc

tên linh kiện TP5335K1-G
Giải thích chi tiết về linh kiện  P-Channel Enhancement-Mode Vertical DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUTEX [Supertex, Inc]
Trang chủ  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5335K1-G bảng dữ liệu(HTML) 3 Page - Supertex, Inc

  TP5335K1-G Datasheet HTML 1Page - Supertex, Inc TP5335K1-G Datasheet HTML 2Page - Supertex, Inc TP5335K1-G Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
3
TP5335
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-TP5335
B081913
3-Lead TO-236AB (SOT-23) Package Outline (K1)
2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
θ
Dimension
(mm)
MIN
0.89
0.01
0.88
0.30
2.80
2.10
1.20
0.95
BSC
1.90
BSC
0.20
0.54
REF
0O
NOM
-
-
0.95
-
2.90
-
1.30
0.50
-
MAX
1.12
0.10
1.02
0.50
3.04
2.64
1.40
0.60
8O
JEDEC Registration TO-236, Variation AB, Issue H, Jan. 1999.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO236ABK1, Version C041309.
View B
View A - A
Side View
Top View
View B
Gauge
Plane
Seating
Plane
0.25
L1
L
E1 E
D
3
1
2
e
e1
b
A
A
Seating
Plane
A A2
A1


Số phần tương tự - TP5335K1-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Supertex, Inc
TP5335K1-G SUTEX-TP5335K1-G Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TP5335K1-G MICROCHIP-TP5335K1-G Datasheet
382Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
Revision D (March 2022)
TP5335K1-G-VAO MICROCHIP-TP5335K1-G-VAO Datasheet
382Kb / 14P
   P-Channel Enhancement-Mode Vertical DMOS FET
Revision D (March 2022)
More results

Mô tả tương tự - TP5335K1-G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Zetex Semiconductors
BS250F ZETEX-BS250F Datasheet
80Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106A ZETEX-ZVP2106A Datasheet
51Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2110A ZETEX-ZVP2110A Datasheet
65Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2120G ZETEX-ZVP2120G Datasheet
74Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F ZETEX-ZVP3306F Datasheet
109Kb / 2P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4105A ZETEX-ZVP4105A Datasheet
49Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVP4424C DIODES-ZVP4424C Datasheet
44Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320A DIODES-ZVP1320A Datasheet
85Kb / 3P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0540A DIODES-ZVP0540A Datasheet
32Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110C DIODES-ZVN2110C Datasheet
43Kb / 1P
   P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
TP5335 SUTEX-TP5335_07 Datasheet
396Kb / 3P
   P-Channel Enhancement-Mode Vertical DMOS FET
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com