công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA2020-020 bảng dữ liệu(PDF) 10 Page - Tripath Technology Inc.

tên linh kiện TA2020-020
Giải thích chi tiết về linh kiện  Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPATH [Tripath Technology Inc.]
Trang chủ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2020-020 bảng dữ liệu(HTML) 10 Page - Tripath Technology Inc.

Back Button TA2020-020 Datasheet HTML 5Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 6Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 7Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 8Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 9Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 10Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 11Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 12Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TECHNICAL INFORMATION
10 of 13
TA2020-020, Rev. 4.0, 09.00
pin to be pulled up through a large valued resistor (1M
Ω recommended) to VDD. To disable SLEEP
mode, the sleep pin should be grounded.
Fault Pin
The FAULT pin is a 5V logic output that indicates various fault conditions within the device. These
conditions include: low supply voltage, low charge pump voltage, low 5V regulator voltage, over
current at any output, and junction temperature greater than approximately 155
°C. The FAULT
output is capable of directly driving an LED through a series 200
Ω. The FAULT output is capable of
directly driving an LED through a series 200
Ω resistor. If the FAULT pin is connected directly to the
MUTE input an automatic reset will occur in the event of an over-current condition.
Heat Sink Requirements
In some applications it may be necessary to fasten the TA2020-020 to a heat sink. The determining
factor is that the 150
°C maximum junction temperature, TJ(max) cannot be exceeded, as specified
by the following equation:
PDISS = (
)
JA
A
)
MAX
(
J
T
T
θ
where…
PDISS = maximum power dissipation
TJMAX = maximum junction temperature of TA2020-020
TA = operating ambient temperature
θJC = junction-to-case thermal resistance of TA2020-020
Example:
What size heat sink is required to operate the TA2020-020 at 20W per channel continuously in a
70ºC ambient temperature?
PDISS is determined by:
Efficiency =
η =
IN
OUT
P
P
=
DISS
OUT
OUT
P
P
P
PDISS (per channel) =
W
5
20
8
.
0
20
P
P
OUT
OUT
=
=
η
Thus, PDISS for two channels = 10W
θJA = (
)
DISS
A
)
MAX
(
J
P
T
T
=
10
70
150
= 8
°C/W
B


Số phần tương tự - TA2020-020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Powerex Power Semicondu...
TA202016 POWEREX-TA202016 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA202018 POWEREX-TA202018 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
logo
TAI-SAW TECHNOLOGY CO.,...
TA2020A TAI-SAW-TA2020A Datasheet
219Kb / 6P
   SAW Filter 1575 MHz
logo
Beijing Yaohuadechang E...
TA2020FL-100 YHDC-TA2020FL-100 Datasheet
617Kb / 1P
   Electronic power general current transformer
TA2020FL-200 YHDC-TA2020FL-200 Datasheet
640Kb / 1P
   Electronic power general current transformer
More results

Mô tả tương tự - TA2020-020

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com